Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML145162 Datasheet (PDF) - LANSDALE Semiconductor Inc.

ML145162 Datasheet PDF - LANSDALE Semiconductor Inc.
Part # ML145162
Download  ML145162 Download
File Size   1131.07 Kbytes
Page   24 Pages
Manufacturer  LANSDALE [LANSDALE Semiconductor Inc.]
Direct Link  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.
Description 60 MHz and 85 MHz Universal Programmable Dual PLL Frequency Synthesizers CMOS

ML145162 Datasheet (PDF)

Go To PDF Page Download Datasheet
ML145162 Datasheet PDF - LANSDALE Semiconductor Inc.

Part # ML145162
Download  ML145162 Click to download

File Size   1131.07 Kbytes
Page   24 Pages
Manufacturer  LANSDALE [LANSDALE Semiconductor Inc.]
Direct Link  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.
Description 60 MHz and 85 MHz Universal Programmable Dual PLL Frequency Synthesizers CMOS

ML145162 Datasheet (HTML) - LANSDALE Semiconductor Inc.


ML145162 Product details

Legacy Device: Motorola MC145162



The ML145162 is a dual phase–locked loop (PLL) frequency synthesizer especially designed for CT–1 cordless phone applications worldwide. This frequency synthesizer is also for any product with a frequency operation at 60MHz or below.



• Operating Voltage Range: 2.5 to 5.5 V

• Operating Temperature Range: TA = – 40 to +75°C

• Operating Power Consumption: 3.0 mA @ 2.5 V

• Maximum Operating Frequency: 60 MHz @ 200 mV p–p, VDD = 2.5 V

• Three or Four Pins Used for Serial MCU Interface

• Built–In MCU Clock Output with Frequency of Reference Oscillator ÷3/÷4

• Power Saving Mode Controlled by MCU

• Lock Detect Signal

• On–Chip Reference Oscillator Supports External Crystals to 16.0 MHz

• Reference Frequency Counter Division Range: 16 to 4095

• Auxiliary Reference Frequency Counter Division Range: 16 to 16,383

• Transmit Counter Division Range: 16 to 65,535

• Receive Counter Division Range: 16 to 65,535



 




Similar Part No. - ML145162

ManufacturerPart #DatasheetDescription
logo
LANSDALE Semiconductor ...
ML145162 LANSDALE-ML145162 Datasheet
436Kb / 24P
60 MHz and 85 MHz Universal Programmable Dual PLL Frequency Synthesizers
ML145162-5P LANSDALE-ML145162-5P Datasheet
436Kb / 24P
60 MHz and 85 MHz Universal Programmable Dual PLL Frequency Synthesizers
ML145162EP LANSDALE-ML145162EP Datasheet
436Kb / 24P
60 MHz and 85 MHz Universal Programmable Dual PLL Frequency Synthesizers
ML145162 LANSDALE-ML145162_08 Datasheet
436Kb / 24P
60 MHz and 85 MHz Universal Programmable Dual PLL Frequency Synthesizers
More results


Similar Description - ML145162

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC7152 SANYO-LC7152 Datasheet
272Kb / 12P
Universal Dual-PLL Frequency Synthesizers
LC7153 SANYO-LC7153 Datasheet
276Kb / 11P
Universal Dual-PLL Frequency Synthesizers?
LM7007M SANYO-LM7007M Datasheet
228Kb / 9P
Dual-PLL Frequency Synthesizers
LM7008M SANYO-LM7008M Datasheet
201Kb / 9P
Dual-PLL Frequency Synthesizers?
logo
Hynix Semiconductor
GM6535 HYNIX-GM6535 Datasheet
225Kb / 23P
60 MHz Universal Programmable Dual PLL Frequency synthesizer
logo
Motorola, Inc
MC145162 MOTOROLA-MC145162 Datasheet
153Kb / 24P
60MHZ AND 85 MHZ UNIVERSAL PROGRAMMABLE DUAL PLL FREQUENCY SYNTHESIZERS
logo
Freescale Semiconductor...
MC145151-2 FREESCALE-MC145151-2 Datasheet
600Kb / 24P
PLL Frequency Synthesizers (CMOS)
logo
Analog Devices
ADF4217 AD-ADF4217_15 Datasheet
247Kb / 20P
Dual RF PLL Frequency Synthesizers
REV. 0
logo
LANSDALE Semiconductor ...
ML145162 LANSDALE-ML145162_08 Datasheet
436Kb / 24P
60 MHz and 85 MHz Universal Programmable Dual PLL Frequency Synthesizers
logo
NXP Semiconductors
MC145151-2 NXP-MC145151-2 Datasheet
916Kb / 24P
PLL Frequency Synthesizers (CMOS)
Rev. 5, 12/2004
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com