Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GMS81C3004 Datasheet (PDF) - Hynix Semiconductor

GMS81C3004 Datasheet PDF - Hynix Semiconductor
Part # GMS81C3004
Download  GMS81C3004 Download
File Size   1486.59 Kbytes
Page   90 Pages
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor
Description CMOS SINGLE-CHIP 8-BIT MICROCONTROLLER WITH LCD DRIVER

GMS81C3004 Datasheet (PDF)

Go To PDF Page Download Datasheet
GMS81C3004 Datasheet PDF - Hynix Semiconductor

Part # GMS81C3004
Download  GMS81C3004 Click to download

File Size   1486.59 Kbytes
Page   90 Pages
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor
Description CMOS SINGLE-CHIP 8-BIT MICROCONTROLLER WITH LCD DRIVER

GMS81C3004 Datasheet (HTML) - Hynix Semiconductor


GMS81C3004 Product details

Description
The GMS81C3004 is an advanced CMOS 8-bit microcontroller with 4K bytes of ROM. The device is one of GMS800 family. The LG Semicon GMS81C3004 is a powerful microcontroller which provides a highly flexible and cost effective solution to many LCD applications such as controller with LCD and toys. The GMS81C3004 provides the following standard features: 4K bytes of ROM, 256 bytes of RAM, 8-bit timer/counter, on-chip oscillator and clock circuitry. In addition, the GMS81C3004 supports power saving modes to reduce power consumption.

Features
• 4K Bytes On-chip Program Memory
• 256 Bytes of On-chip Data RAM (Included 64 bytes stack memory)
• Dot Matrix LCD Driver
    - Max. 320 dots (40 seg. x 8 com.)
    - 40 bytes of Display RAM
• Instruction Cycle Time:
    - 0.5us, 1.9us, 3.8us, 15.2us at 4.19MHz
    - 61us, 244us, 488us, 1.95ms at 32.768KHz
• 51 Programmable I/O pins (Included 32 LCD pins)
• 2.2V to 5.5V Wide Operating Range
• Dual Clock Operation (4.19MHz, 32kHz)
• One 8-bit Basic Interval Timer
• Key Scan
• One 8-bit Timer/ Counter
• Watch Timer
• Watchdog timer
• Eight Interrupt sources
    - External input: 3
    - Keyscan input: 1
    - Timer: 4
• Buzzer Driving port
    - 500Hz ~ 130kHz
• 4-channel 5-bit On-chip Comparator
• Power Down Mode
    - STOP mode
    - SLEEP mode




Similar Part No. - GMS81C3004

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
GMS81C1102 HYNIX-GMS81C1102 Datasheet
1Mb / 89P
8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS81C1202 HYNIX-GMS81C1202 Datasheet
1Mb / 89P
8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS81C1404 HYNIX-GMS81C1404 Datasheet
853Kb / 93P
8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
List of Unclassifed Man...
GMS81C1404 ETC1-GMS81C1404 Datasheet
1Mb / 98P
8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS81C1404-HG ETC1-GMS81C1404-HG Datasheet
1Mb / 98P
8-BIT SINGLE-CHIP MICROCONTROLLERS
More results


Similar Description - GMS81C3004

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16C9XX MICROCHIP-PIC16C9XX Datasheet
1Mb / 189P
8-Bit CMOS Microcontroller with LCD Driver
1997
logo
Infineon Technologies A...
SAB80C515 INFINEON-SAB80C515 Datasheet
668Kb / 56P
8-Bit CMOS Single-Chip Microcontroller
02.96
SAB80C517 INFINEON-SAB80C517 Datasheet
1Mb / 61P
8-Bit CMOS Single-Chip Microcontroller
04.95
logo
Samsung semiconductor
S3F8647 SAMSUNG-S3F8647 Datasheet
1Mb / 399P
8-bit single-chip CMOS microcontroller
logo
Integrated Circuit Solu...
IC80C51 ICSI-IC80C51 Datasheet
247Kb / 44P
CMOS SINGLE CHIP 8-BIT MICROCONTROLLER
logo
Integral Corp.
IZ7008 INTEGRAL-IZ7008 Datasheet
445Kb / 16P
8-BIT MICROCONTROLLER WITH LCD DRIVER
logo
Finechips
MC96F6432 FINECHIPS-MC96F6432 Datasheet
86Kb / 1P
8-bit Microcontroller with LCD Driver
MC96F6832 FINECHIPS-MC96F6832 Datasheet
85Kb / 1P
8-bit Microcontroller with LCD Driver
MC96F7816 FINECHIPS-MC96F7816 Datasheet
86Kb / 1P
8-bit Microcontroller with LCD Driver
MC96P6608 FINECHIPS-MC96P6608 Datasheet
84Kb / 1P
8-bit Microcontroller with LCD Driver
More results




About Hynix Semiconductor


Hynix Semiconductor is a South Korean company that specializes in the design and manufacture of memory semiconductors.
The company was founded in 1983 and is headquartered in Icheon, South Korea.
Hynix is one of the world's leading producers of DRAM (dynamic random access memory) and NAND flash memory, which are used in various applications such as computer systems, mobile devices, and solid-state drives.
Hynix is known for its expertise in memory semiconductor technology and its ability to deliver high-quality and high-performance memory products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized memory solutions that meet their specific requirements and needs.
In addition to its memory products, Hynix also provides a range of products and solutions for the automotive and data center markets, such as system-on-a-chip (SoC) products and high-bandwidth memory (HBM) products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com