Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GMS81C5108 Datasheet (PDF) - Hynix Semiconductor

GMS81C5108 Datasheet PDF - Hynix Semiconductor
Part # GMS81C5108
Download  GMS81C5108 Download
File Size   1581.26 Kbytes
Page   102 Pages
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor
Description HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS

GMS81C5108 Datasheet (PDF)

Go To PDF Page Download Datasheet
GMS81C5108 Datasheet PDF - Hynix Semiconductor

Part # GMS81C5108
Download  GMS81C5108 Click to download

File Size   1581.26 Kbytes
Page   102 Pages
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor
Description HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS

GMS81C5108 Datasheet (HTML) - Hynix Semiconductor


GMS81C5108 Product details

Description
The GMS81C5108 is an advanced CMOS 8-bit microcontroller with 8K bytes of ROM. The device is one of GMS800 family. The Hynix GMS81C5108 is a powerful microcontroller which provides a high flexibility and cost effective solution to many LCD applications. The GMS81C5108 provides the following standard features: 8K bytes of ROM, 192 bytes of RAM, 37 Nibbles of Display RAM, 8/16-bit timer/counter, on-chip oscillator and clock circuitry. In addition, the GMS81C5108 supports power saving modes to reduce power consumption.

 Features
• 8K Bytes of On-chip Program Memory
• 192 Bytes of On-chip Data RAM
• 37 Nibbles of Display RAM
• Instruction Cycle Time:
    - 1us at 4MHz (2 cycle NOP instruction)
• 24 Programmable I/O pins
• 2V to 4V Operating Range
• Dual Clock Operation
    - main : 400kHz ~ 4.2MHz
    - sub. : 32.768kHz
• One 8-bit Basic Interval Timer/Counter
• Key Scan Interrupt
• Two 8-bit Timer/ Counter
    (It can be used one 16-bit Timer/Counter)
• Watch Timer (2Hz, 4Hz, 16Hz, 1/64Hz)
• 8-bit Serial I/O (SIO)
• One 10-bit High Speed PWM Output
• Carrier Generator for Remote Controller
• 11 Interrupt sources
    - 3 External interrupts (INT0 ~ 2)
    - 8 Internal interrupts (BIT, Timer × 2, WT, A/DC, SIO, REM, Keyscan)
• 6-bit Buzzer Driving port
    - 500Hz ~ 250kHz (@4MHz)
• 4-channel 8-bit On-chip A/D Converter
• Power Saving Mode
    - STOP, SLEEP, Sub Active mode
• LCD display/controller (LCDC)
    - Static Mode (37Seg × 1Com, 1/3 Bias)
    - 1/2 Duty Mode (36Seg × 2Com, 1/3 Bias)
    - 1/3 Duty Mode (35Seg × 3Com, 1/3 Bias)
    - 1/4 Duty Mode (34Seg × 4Com, 1/3 Bias)
• LCD Display Voltage Booster
• Supply Voltage Detector(SVD)
    - 2 level detector (2.2V, 1.7V)




Similar Part No. - GMS81C5108

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
GMS81C50 HYNIX-GMS81C50 Datasheet
1Mb / 99P
8-BIT SINGLE CHIP MICROCONTROLLERS
GMS81C5016 HYNIX-GMS81C5016 Datasheet
1Mb / 99P
8-BIT SINGLE CHIP MICROCONTROLLERS
GMS81C5016 HYNIX-GMS81C5016 Datasheet
1Mb / 99P
8-BIT SINGLE CHIP MICROCONTROLLERS
GMS81C5024 HYNIX-GMS81C5024 Datasheet
1Mb / 99P
8-BIT SINGLE CHIP MICROCONTROLLERS
GMS81C5024 HYNIX-GMS81C5024 Datasheet
1Mb / 99P
8-BIT SINGLE CHIP MICROCONTROLLERS
More results


Similar Description - GMS81C5108

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
GMS81C2112 HYNIX-GMS81C2112 Datasheet
1Mb / 107P
HYNIX SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS81C7008 HYNIX-GMS81C7008 Datasheet
2Mb / 123P
HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS90C320 HYNIX-GMS90C320 Datasheet
683Kb / 46P
HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS90C3X HYNIX-GMS90C3X Datasheet
846Kb / 59P
HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
HMS81004E HYNIX-HMS81004E Datasheet
1Mb / 77P
HYNIX SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
HMS81C4X60 HYNIX-HMS81C4X60 Datasheet
823Kb / 110P
HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
HMS91C8032 HYNIX-HMS91C8032 Datasheet
2Mb / 157P
HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Finechips
MC81F4204 FINECHIPS-MC81F4204 Datasheet
3Mb / 150P
ABOV SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
MC81F4216 FINECHIPS-MC81F4216 Datasheet
4Mb / 200P
ABOV SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
MC81F4332 FINECHIPS-MC81F4332 Datasheet
4Mb / 198P
ABOV SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
More results




About Hynix Semiconductor


Hynix Semiconductor is a South Korean company that specializes in the design and manufacture of memory semiconductors.
The company was founded in 1983 and is headquartered in Icheon, South Korea.
Hynix is one of the world's leading producers of DRAM (dynamic random access memory) and NAND flash memory, which are used in various applications such as computer systems, mobile devices, and solid-state drives.
Hynix is known for its expertise in memory semiconductor technology and its ability to deliver high-quality and high-performance memory products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized memory solutions that meet their specific requirements and needs.
In addition to its memory products, Hynix also provides a range of products and solutions for the automotive and data center markets, such as system-on-a-chip (SoC) products and high-bandwidth memory (HBM) products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com