Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMS91C8032 Datasheet (PDF) - Hynix Semiconductor

HMS91C8032 Datasheet PDF - Hynix Semiconductor
Part # HMS91C8032
Download  HMS91C8032 Download
File Size   2670.38 Kbytes
Page   157 Pages
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor
Description HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS

HMS91C8032 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMS91C8032 Datasheet PDF - Hynix Semiconductor

Part # HMS91C8032
Download  HMS91C8032 Click to download

File Size   2670.38 Kbytes
Page   157 Pages
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor
Description HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS

HMS91C8032 Datasheet (HTML) - Hynix Semiconductor


HMS91C8032 Product details

OVERVIEW
Description
The HMS91C8032 and the HMS97C8032 are a member of the HMS9XC8032 series. This devices are the Digital Tuning System(DTS) with PLL. It has extended Intel 8051 core, 32Kbytes one-time programmable(OTP) ROM. Because this device can be programmed by user, it is suited for applications such as the small-scale production of many different products and rapid development and time-to-market of new products.

• Extended 8051 core (7.2MHz / 32.768KHz)
• 1K-Byte Data RAM / 32K-Byte Program ROM
• 130 MHz Digital PLL block
• IFC (Intermediate Frequency Counter)
• 8-channel 8-bit ADC
• Five 16-bit Timers/Counters
• Two 3-wire SIO & One UART
• 18 Interrupts Sources( 7 External Interrupts / 5 Timer Interrupts / 3 Serial Port Interrupts / WDT Interrupt / IF Counter Interrupt / ADC Interrupt ), Two Priority Levels
• Two Power Saving Mode (Idle Mode and Power Down Modes)
• 5V ±10% Power supply
• 80-MQFP Package




Similar Part No. - HMS91C8032

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HMS91C71322 HYNIX-HMS91C71322 Datasheet
670Kb / 90P
8-BIT SINGLE-CHIP MONITOR MICROCONTROLLERS
HMS91C71324 HYNIX-HMS91C71324 Datasheet
670Kb / 90P
8-BIT SINGLE-CHIP MONITOR MICROCONTROLLERS
HMS91C7432 HYNIX-HMS91C7432 Datasheet
195Kb / 24P
HMS91C7432 features and functions
More results


Similar Description - HMS91C8032

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
GMS81C2112 HYNIX-GMS81C2112 Datasheet
1Mb / 107P
HYNIX SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS81C5108 HYNIX-GMS81C5108 Datasheet
1Mb / 102P
HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS81C7008 HYNIX-GMS81C7008 Datasheet
2Mb / 123P
HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS90C320 HYNIX-GMS90C320 Datasheet
683Kb / 46P
HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS90C3X HYNIX-GMS90C3X Datasheet
846Kb / 59P
HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
HMS81004E HYNIX-HMS81004E Datasheet
1Mb / 77P
HYNIX SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
HMS81C4X60 HYNIX-HMS81C4X60 Datasheet
823Kb / 110P
HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Finechips
MC81F4204 FINECHIPS-MC81F4204 Datasheet
3Mb / 150P
ABOV SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
MC81F4216 FINECHIPS-MC81F4216 Datasheet
4Mb / 200P
ABOV SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
MC81F4332 FINECHIPS-MC81F4332 Datasheet
4Mb / 198P
ABOV SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
More results




About Hynix Semiconductor


Hynix Semiconductor is a South Korean company that specializes in the design and manufacture of memory semiconductors.
The company was founded in 1983 and is headquartered in Icheon, South Korea.
Hynix is one of the world's leading producers of DRAM (dynamic random access memory) and NAND flash memory, which are used in various applications such as computer systems, mobile devices, and solid-state drives.
Hynix is known for its expertise in memory semiconductor technology and its ability to deliver high-quality and high-performance memory products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized memory solutions that meet their specific requirements and needs.
In addition to its memory products, Hynix also provides a range of products and solutions for the automotive and data center markets, such as system-on-a-chip (SoC) products and high-bandwidth memory (HBM) products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com