Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GMS84512 Datasheet (PDF) - Hynix Semiconductor

GMS84512 Datasheet PDF - Hynix Semiconductor
Part # GMS84512
Download  GMS84512 Download
File Size   737.31 Kbytes
Page   38 Pages
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor
Description 8-BIT SINGLE CHIP MICROCOMPUTER

GMS84512 Datasheet (PDF)

Go To PDF Page Download Datasheet
GMS84512 Datasheet PDF - Hynix Semiconductor

Part # GMS84512
Download  GMS84512 Click to download

File Size   737.31 Kbytes
Page   38 Pages
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor
Description 8-BIT SINGLE CHIP MICROCOMPUTER

GMS84512 Datasheet (HTML) - Hynix Semiconductor


GMS84512 Product details

An 8-bit microcomputer using the G8MC Core is a single-chip microcomputer including several peripheral functions such as Timer, I/O Comparator, Serial I/O, PWM, Watch-dog Timer and On-Screen Display.

FEATURES
• ROM 12,288 Bytes ( GMS84512 ) 24,576Bytes ( GMS84524 )
• RAM 256 Bytes
• Minimum instruction execution time 1 us ( @ Xin = 4 MHz )
• I/O PORT 42 ( INPUT: 3, OUTPUT: 10, I/O: 29 )
• Serial I/O 8-bit X 1 ch. ( 1MHz, 500KHz, 250 KHz, Ext. clock )
• A/D Comparator 5-bit X 4 ch. ( max. 1 LSB )
• Pulse Width Modulation 14-bit X 1 ch.
                                           7-bit X 8 ch.
• Timer
    - Timer/Counter 8 bit X 4 ch. ( 16-bit X 2 ch is Acceptable)
    - Basic Interval Timer 8 bit X 1 ch.
    - Watch Dog Timer
• Interrupt Interval estimation circuit for Remocon signal receiving
• Interrupt Sources 14 sources
• Pulse ( T2048 ) Output Function Period : 2,048 us, Duty: 50 %
• On Screen Display
    - Kinds of character 128 kinds (include 2 test characters)
    - Construction of character 14 dots X 18 dots
    - Size of character 4 X 4 kinds
    - Number of display character 22 Characters X 3 lines ( Max. 12 lines)
    - Display colors 8 kinds
    - Color Edge, Smoothing Function
• Power Save Mode STOP mode
• Operating Voltage 4.5 ~ 5.5 V
• Package 52 SDIP
• OTP chip GMS84512T/84524T




Similar Part No. - GMS84512

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
GMS81004 HYNIX-GMS81004 Datasheet
1Mb / 101P
8-BIT SINGLE CHIP MICROCOMPUTERS
GMS81008 HYNIX-GMS81008 Datasheet
1Mb / 101P
8-BIT SINGLE CHIP MICROCOMPUTERS
GMS81016 HYNIX-GMS81016 Datasheet
1Mb / 101P
8-BIT SINGLE CHIP MICROCOMPUTERS
GMS81024 HYNIX-GMS81024 Datasheet
1Mb / 101P
8-BIT SINGLE CHIP MICROCOMPUTERS
GMS81032 HYNIX-GMS81032 Datasheet
1Mb / 101P
8-BIT SINGLE CHIP MICROCOMPUTERS
More results


Similar Description - GMS84512

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M38203M4 MITSUBISHI-M38203M4 Datasheet
4Mb / 344P
8-BIT SINGLE-CHIP MICROCOMPUTER
logo
Sanyo Semicon Device
LC866032B SANYO-LC866032B Datasheet
390Kb / 20P
8-bit single chip microcomputer???
logo
Mitsubishi Electric Sem...
M37409M2 MITSUBISHI-M37409M2 Datasheet
963Kb / 29P
SINGLE CHIP 8 BIT MICROCOMPUTER
logo
Toshiba Semiconductor
TMP88CS38 TOSHIBA-TMP88CS38 Datasheet
1Mb / 226P
8-bit single chip microcomputer
logo
Renesas Technology Corp
7534 RENESAS-7534_06 Datasheet
1Mb / 221P
8-BIT SINGLE-CHIP MICROCOMPUTER
3886 RENESAS-3886_03 Datasheet
4Mb / 380P
8-BIT SINGLE-CHIP MICROCOMPUTER
logo
Epson Company
S1C88649 EPSON-S1C88649 Datasheet
227Kb / 20P
8-bit Single Chip Microcomputer
S1C88650 EPSON-S1C88650 Datasheet
64Kb / 4P
8-bit Single Chip Microcomputer
S1C88655 EPSON-S1C88655 Datasheet
88Kb / 4P
8-bit Single Chip Microcomputer
S1C88816 EPSON-S1C88816 Datasheet
304Kb / 20P
8-bit Single Chip Microcomputer
More results




About Hynix Semiconductor


Hynix Semiconductor is a South Korean company that specializes in the design and manufacture of memory semiconductors.
The company was founded in 1983 and is headquartered in Icheon, South Korea.
Hynix is one of the world's leading producers of DRAM (dynamic random access memory) and NAND flash memory, which are used in various applications such as computer systems, mobile devices, and solid-state drives.
Hynix is known for its expertise in memory semiconductor technology and its ability to deliver high-quality and high-performance memory products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized memory solutions that meet their specific requirements and needs.
In addition to its memory products, Hynix also provides a range of products and solutions for the automotive and data center markets, such as system-on-a-chip (SoC) products and high-bandwidth memory (HBM) products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com