Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HB7121 Datasheet (PDF) - Hynix Semiconductor

HB7121 Datasheet PDF - Hynix Semiconductor
Part # HB7121
Download  HB7121 Download
File Size   391.51 Kbytes
Page   29 Pages
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor
Description CMOS IMAGE SENSOR With 8-bit ADC

HB7121 Datasheet (PDF)

Go To PDF Page Download Datasheet
HB7121 Datasheet PDF - Hynix Semiconductor

Part # HB7121
Download  HB7121 Click to download

File Size   391.51 Kbytes
Page   29 Pages
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor
Description CMOS IMAGE SENSOR With 8-bit ADC

HB7121 Datasheet (HTML) - Hynix Semiconductor


HB7121 Product details

DESCRIPTION
HB7122B is a highly integrated single chip CMOS B/W image sensor using Hyundai 0.5um CMOS process developed for image application to realize high efficiency photo sensor. The sensor has 414X314 pixels total, and 400X300 pixels effective.

FEATURES
● 400 x 300 pixels resolution
● 8um x 8um square pixel
● High efficiency photo sensors
● Integrated 8-bit ADC for direct digital output
● Low power 3.3V operation (5V tolerant I/O)
● Integrated pan control and window sizing
● Clock speed up to 15MHz
● Programmable frame rate and synchronous format
● Full function control through standard I2C bus
● Built-in Automatic Gain Control (AGC)
● 48 pin CLCC
● Anti-blooming circuit
● Flexible exposure time control
● Integrated on-chip timing and drive control
● 1/4" optical format




Similar Part No. - HB7121

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HB7121BELECTRONICS HYNIX-HB7121BELECTRONICS Datasheet
786Kb / 29P
CMOS IMAGE SENSOR With 8-bit ADC
More results


Similar Description - HB7121

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HB7121BELECTRONICS HYNIX-HB7121BELECTRONICS Datasheet
786Kb / 29P
CMOS IMAGE SENSOR With 8-bit ADC
HB7131D HYNIX-HB7131D Datasheet
299Kb / 26P
CMOS IMAGE SENSOR With 8-bit ADC
HV7121B-COB HYNIX-HV7121B-COB Datasheet
397Kb / 30P
CMOS IMAGE SENSOR With 8-bit ADC
HV7121B-COF HYNIX-HV7121B-COF Datasheet
383Kb / 30P
CMOS IMAGE SENSOR With 8-bit ADC
HV7121B HYNIX-HV7121B Datasheet
446Kb / 30P
CMOS IMAGE SENSOR With 8-bit ADC
HV7131D HYNIX-HV7131D Datasheet
305Kb / 26P
CMOS IMAGE SENSOR With 8-bit ADC
HV7131E1 HYNIX-HV7131E1 Datasheet
462Kb / 40P
CMOS IMAGE SENSOR With 8-bit ADC
HV7141D HYNIX-HV7141D Datasheet
403Kb / 23P
CMOS IMAGE SENSOR With 8-bit ADC
HV7131D-COB HYNIX-HV7131D-COB Datasheet
323Kb / 27P
CMOS IMAGE SENSOR With 8-bit ADC
logo
List of Unclassifed Man...
HV7131B ETC-HV7131B Datasheet
834Kb / 29P
CMOS IMAGE SENSOR With 8-bit ADC
More results




About Hynix Semiconductor


Hynix Semiconductor is a South Korean company that specializes in the design and manufacture of memory semiconductors.
The company was founded in 1983 and is headquartered in Icheon, South Korea.
Hynix is one of the world's leading producers of DRAM (dynamic random access memory) and NAND flash memory, which are used in various applications such as computer systems, mobile devices, and solid-state drives.
Hynix is known for its expertise in memory semiconductor technology and its ability to deliver high-quality and high-performance memory products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized memory solutions that meet their specific requirements and needs.
In addition to its memory products, Hynix also provides a range of products and solutions for the automotive and data center markets, such as system-on-a-chip (SoC) products and high-bandwidth memory (HBM) products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com