Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HB7121 Datasheet(PDF) 2 Page - Hynix Semiconductor

Part # HB7121
Description  CMOS IMAGE SENSOR With 8-bit ADC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HB7121 Datasheet(HTML) 2 Page - Hynix Semiconductor

  HB7121 Datasheet HTML 1Page - Hynix Semiconductor HB7121 Datasheet HTML 2Page - Hynix Semiconductor HB7121 Datasheet HTML 3Page - Hynix Semiconductor HB7121 Datasheet HTML 4Page - Hynix Semiconductor HB7121 Datasheet HTML 5Page - Hynix Semiconductor HB7121 Datasheet HTML 6Page - Hynix Semiconductor HB7121 Datasheet HTML 7Page - Hynix Semiconductor HB7121 Datasheet HTML 8Page - Hynix Semiconductor HB7121 Datasheet HTML 9Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
HB7121B
Semiconductor Inc.
CMOS IMAGE SENSOR
System IC SBU
With 8-bit ADC
This document is a general product description and is subject to change without notice. Hynix Semiconductor does not assume any
responsibility for use of circuits described. NO patent licenses are implied.
DA21000601R_1.1
- 2 -
2001 Hynix System IC SBU
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings
l
Supply voltage(Analog, Digital)
:
-0.4 V
~
3.8 V
l
Voltage on any input pins
:
-0.4 V
~
VDD + 0.5 V
l
Operating Temperature(Centigrade)
:
0
~
40
l
Storage Temperature(Centigrade)
:
-30
~
80
Note : Input pins are 5V tolerant. Stresses exceeding the absolute maximum ratings may induce failure.
DC Operating Conditions
Symbol
Parameter
Units
Min.
Max.
Load[pF]
Notes
Vdd
Internal operation supply voltage
Volt
3.0
3.6
Vih
Input voltage logic "1"
Volt
2.0
5
6.5
Vil
Input voltage logic "0"
Volt
0
0.8
6.5
Voh
Output voltage logic "1"
Volt
2.15
3.6
60
Vol
Output voltage logic "0"
Volt
0.4
0.4
60
Ta
Ambient operating temperature
Celsius
0
40
AC Operating Conditions
Symbol
Parameter
Max Operation Frequency
Units
Notes
MCLK
Main clock frequency
20
MHz
1
SCK
I
2C clock frequency
400
KHz
2
1. MCLK can be divided according to Clock Divide Register for internal clock.
2.
SCK is driven by host processor. For the detail serial bus timing, refer to I
2C Spec.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com