Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HB7121 Datasheet(PDF) 21 Page - Hynix Semiconductor

Part # HB7121
Description  CMOS IMAGE SENSOR With 8-bit ADC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HB7121 Datasheet(HTML) 21 Page - Hynix Semiconductor

Back Button HB7121 Datasheet HTML 17Page - Hynix Semiconductor HB7121 Datasheet HTML 18Page - Hynix Semiconductor HB7121 Datasheet HTML 19Page - Hynix Semiconductor HB7121 Datasheet HTML 20Page - Hynix Semiconductor HB7121 Datasheet HTML 21Page - Hynix Semiconductor HB7121 Datasheet HTML 22Page - Hynix Semiconductor HB7121 Datasheet HTML 23Page - Hynix Semiconductor HB7121 Datasheet HTML 24Page - Hynix Semiconductor HB7121 Datasheet HTML 25Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
HB7121B
Semiconductor Inc.
CMOS IMAGE SENSOR
System IC SBU
With 8-bit ADC
This document is a general product description and is subject to change without notice. Hynix Semiconductor does not assume
any responsibility for use of circuits described. NO patent licenses are implied.
DA21000601R_1.0
- 21 -
2001 Hnix System IC SBU
When Integration Time > (EffectiveWindowHeight * Scale), next frame VSYNC does not follow immediately
after current frame’s last line has been produced. Instead, one of the following two idle time slots is inserted
according to Integration Time Mode before next frame VSYNC gets active.
< Idle Slots >
l
Line Mode: (Integration Time - EffectiveWindowHeight) * 1024 clocks
l
Pixel Mode: (Integration Time - EffectiveWindowHeight * Scale)
= (Integration Time - EffectiveWindowHeight * SensorArrayWidth) clocks
Each Frame Timing of the above cases may be decomposed into four timing segments
l
Initial Data Setup Time after ENB gets active
l
Even Line
l
Odd Line
l
Frame Transition
The subsections will describe frame timing diagram for said frame time cases, (Integration Time < Effective Window
Height * Scale) and (Integration Time > Effective Window Height * Scale)
(1) Frame Timing Diagram for Integration Time < (EffectiveWindowHeight * Scale)
Frame timing related registers are programmed to suit for the above condition as follows
RowStartAddress
= 6;
WindowHeight = 302;
ColumnStartAddress = 6;
WindowWidth = 402;
IntegrationTime = 200 [Line Mode];
EffectiveWindowHeight is “302” for (SensorArrayHeight > (RowStartAddress + WindowHeight + 1)), i.e. 314 >
(6 + 302 + 1), is met, and Scale is “1” for integration time is line mode.
Therefore, (Integration Time< EffectiveWindowHeight * Scale), i.e. 200 < 302 * 1, is met.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com