Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC2510 Datasheet (PDF) - Hynix Semiconductor

HC2510 Datasheet PDF - Hynix Semiconductor
Part # HC2510
Download  HC2510 Download
File Size   81.19 Kbytes
Page   6 Pages
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor
Description Phase-Locked Loop Clock Distribution for Synchronous DRAM Applications

HC2510 Datasheet (PDF)

Go To PDF Page Download Datasheet
HC2510 Datasheet PDF - Hynix Semiconductor

Part # HC2510
Download  HC2510 Click to download

File Size   81.19 Kbytes
Page   6 Pages
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor
Description Phase-Locked Loop Clock Distribution for Synchronous DRAM Applications

HC2510 Datasheet (HTML) - Hynix Semiconductor


HC2510 Product details

General Description
The HC2510C is a low-skew, low jitter, phase-locked loop(PLL) clock driver, distributing high frequency clock signals for SDRAM

Features
● Phase-Locked Loop Clock Distribution for Synchronous DRAM Applications
● Supports PC-100 and Meets “PC100 SDRAM registered DIMM Specification Rev. 1.2”
● Distributes One Clock Input to One Bank of Ten Outputs
● No External RC Network Required
● External Feedback (FBIN) Pin is Used to Synchronize the Outputs to the Clock Input
● Separate Output Enable for Each Output Bank
● Operates at 3.3 V Vcc
● 125 MHz Maximum Frequency
● On-chip Series Damping Resistors
● Support Spread Spectrum Clock(SSC) Synthesizers
● ESD Protection Exceeds 3000 V per MIL-STD- 883, Method 3015 ; Exceeds 350 V Using Machine Model ( C = 200 pF, R = 0 )
● Latch-Up Performance Exceeds 400 mA per JESD 17
● Packaged in Plastic 24-Pin Thin Shrink SmallOutline Package




Similar Part No. - HC2510

ManufacturerPart #DatasheetDescription
logo
Yantel Corporation
HC2500A03 YANTEL-HC2500A03 Datasheet
1Mb / 9P
Hybrid Coupler 3 dB, 90o
HC2500E03 YANTEL-HC2500E03 Datasheet
1Mb / 9P
Hybrid Coupler 3 dB, 90o
HC2500P03 YANTEL-HC2500P03 Datasheet
1Mb / 9P
Hybrid Coupler 3 dB, 90o
HC2500S03 YANTEL-HC2500S03 Datasheet
1Mb / 9P
Hybrid Coupler 3 dB, 90o
HC2500U03-050 YANTEL-HC2500U03-050 Datasheet
746Kb / 4P
90 Degree Hybrid 2.30 GHz-2.65 GHz
More results


Similar Description - HC2510

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HC2509C HYNIX-HC2509C Datasheet
84Kb / 6P
Phase-Locked Loop Clock Distribution for Synchronous DRAM Applications
logo
Pericom Semiconductor C...
PI6C2502 PERICOM-PI6C2502 Datasheet
371Kb / 6P
Phase-Locked Loop Clock Driver
PI6C2502A PERICOM-PI6C2502A Datasheet
276Kb / 4P
Phase-Locked Loop Clock Driver
PI6C2302 PERICOM-PI6C2302 Datasheet
279Kb / 4P
Phase-Locked Loop Clock Driver
PI6C2501A PERICOM-PI6C2501A Datasheet
50Kb / 4P
Phase-Locked Loop Clock Driver
PI6C2401 PERICOM-PI6C2401 Datasheet
71Kb / 4P
Phase-Locked Loop Clock Driver
PI6C2501 PERICOM-PI6C2501 Datasheet
235Kb / 4P
Phase-Locked Loop Clock Driver
logo
AMI SEMICONDUCTOR
FS7140-01 AMI-FS7140-01 Datasheet
981Kb / 15P
Programmable Phase-Locked Loop Clock Generator
logo
Arizona Microtek, Inc
AZ12000 AZM-AZ12000 Datasheet
188Kb / 13P
Phase-Locked Loop Clock Generator
logo
Pericom Semiconductor C...
PI6C2402 PERICOM-PI6C2402 Datasheet
371Kb / 4P
Phase-Locked Loop Clock Driver
More results




About Hynix Semiconductor


Hynix Semiconductor is a South Korean company that specializes in the design and manufacture of memory semiconductors.
The company was founded in 1983 and is headquartered in Icheon, South Korea.
Hynix is one of the world's leading producers of DRAM (dynamic random access memory) and NAND flash memory, which are used in various applications such as computer systems, mobile devices, and solid-state drives.
Hynix is known for its expertise in memory semiconductor technology and its ability to deliver high-quality and high-performance memory products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized memory solutions that meet their specific requirements and needs.
In addition to its memory products, Hynix also provides a range of products and solutions for the automotive and data center markets, such as system-on-a-chip (SoC) products and high-bandwidth memory (HBM) products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com