Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HDM8513 Datasheet (PDF) - Hynix Semiconductor

HDM8513 Datasheet PDF - Hynix Semiconductor
Part # HDM8513
Download  HDM8513 Download
File Size   261.0 Kbytes
Page   67 Pages
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor
Description DVB/DSS Compliant Receiver

HDM8513 Datasheet (PDF)

Go To PDF Page Download Datasheet
HDM8513 Datasheet PDF - Hynix Semiconductor

Part # HDM8513
Download  HDM8513 Click to download

File Size   261.0 Kbytes
Page   67 Pages
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor
Description DVB/DSS Compliant Receiver

HDM8513 Datasheet (HTML) - Hynix Semiconductor


HDM8513 Product details

Introduction to the HDM8513A

The HDM8513A digital demodulator for direct broadcast satellite receivers is a single chip solution fully compliant with the European Telecommunications Standards Institute (ETSI) specification ETS 300 421. This chip integrates an A/D converter, a variable rate matched filter, a variable rate QPSK demodulator with a Viterbi decoder, a deinterleaver and a Reed Solomon decoder.

Features and Benefits
* Fully DVB&DSS compliant
* Dual 6bit A/D converters
* Continuously variable symbol rate from 1Msps to 55Msps (75MHz clock)
* Internal digital root raised cosine filter
* Less than 0.5 dB implementation loss
* Frequency multiplexing capability
* Automated frequency search
* Internal bias cancellation
* Both wideband and narrowband AGC
* Noise calibration for antenna steering
* Output data rate as high as 68Mbps
* Fixed frequency sampling clock
* Simple interface with tuner and analog processing
* Microcontroller interface
* Eight bit parallel or I2C monitor and control interface
* I2C by-pass mode
* Two package types




Similar Part No. - HDM8513

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HDM8515 HYNIX-HDM8515 Datasheet
272Kb / 75P
DVB/DSS Compliant Receiver
HDM8515P HYNIX-HDM8515P Datasheet
272Kb / 75P
DVB/DSS Compliant Receiver
More results


Similar Description - HDM8513

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7206H PHILIPS-SAA7206H Datasheet
193Kb / 52P
DVB compliant descrambler
1996 Oct 09
TDA10021HT PHILIPS-TDA10021HT Datasheet
92Kb / 16P
DVB-C channel receiver
2001 Oct 01
TDA10045H PHILIPS-TDA10045H Datasheet
94Kb / 20P
DVB-T channel receiver
2001 Nov 08
TDA10085HT PHILIPS-TDA10085HT Datasheet
93Kb / 16P
Single chip DVB-S/DSS channel receiver
2001 Aug 31
logo
Sony Corporation
CXD1948R SONY-CXD1948R Datasheet
718Kb / 78P
IEEE1394 Link Layer LSI for DVB and DSS
logo
Hynix Semiconductor
HDM8515 HYNIX-HDM8515 Datasheet
272Kb / 75P
DVB/DSS Compliant Receiver
logo
Samsung semiconductor
S5H1420 SAMSUNG-S5H1420 Datasheet
849Kb / 31P
Channel Decoder for DVB-S/DSS
logo
STMicroelectronics
STV0362 STMICROELECTRONICS-STV0362 Datasheet
77Kb / 3P
Low-power and ultra compact DVB-T single chip receiver DVB-H broadcast compliant
10-Mar-2006
logo
Silicon Laboratories
SI2107 SILABS-SI2107 Datasheet
952Kb / 80P
SATELLITE RECEIVER FOR DVB-S/DSS
SI2107 SILABS-SI2107_06 Datasheet
1Mb / 94P
SATELLITE RECEIVER FOR DVB-S/DSS WITH QUICKLOCK AND QUICKSCAN
More results




About Hynix Semiconductor


Hynix Semiconductor is a South Korean company that specializes in the design and manufacture of memory semiconductors.
The company was founded in 1983 and is headquartered in Icheon, South Korea.
Hynix is one of the world's leading producers of DRAM (dynamic random access memory) and NAND flash memory, which are used in various applications such as computer systems, mobile devices, and solid-state drives.
Hynix is known for its expertise in memory semiconductor technology and its ability to deliver high-quality and high-performance memory products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized memory solutions that meet their specific requirements and needs.
In addition to its memory products, Hynix also provides a range of products and solutions for the automotive and data center markets, such as system-on-a-chip (SoC) products and high-bandwidth memory (HBM) products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com