Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HDM8513 Datasheet(PDF) 8 Page - Hynix Semiconductor

Part # HDM8513
Description  DVB/DSS Compliant Receiver
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HDM8513 Datasheet(HTML) 8 Page - Hynix Semiconductor

Back Button HDM8513 Datasheet HTML 4Page - Hynix Semiconductor HDM8513 Datasheet HTML 5Page - Hynix Semiconductor HDM8513 Datasheet HTML 6Page - Hynix Semiconductor HDM8513 Datasheet HTML 7Page - Hynix Semiconductor HDM8513 Datasheet HTML 8Page - Hynix Semiconductor HDM8513 Datasheet HTML 9Page - Hynix Semiconductor HDM8513 Datasheet HTML 10Page - Hynix Semiconductor HDM8513 Datasheet HTML 11Page - Hynix Semiconductor HDM8513 Datasheet HTML 12Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 67 page
background image
8
2. Hardware Specification
Table 1: Absolute Maximum Ratings
Rating
Value
Unit
Ambient Temperature under Bias
-10 to 70
c
Storage Temperature
-65 to 150
c
Ambient Humidity under Bias
85(85 c,500hrs)
%
Thermal Resistance(Ja)
45
c/W
Junction Temperature
150
c
Voltage on Any Pin
Vss - 0.3V to VDD + 0.5V
V
VDD, IOVDD
5.5
V
Package Material
- Compound : CEL-4630SX
- Lead Frame : Copper
Table 2: DC Characteristics
Symbol
Parameter
Min.
Max.
Units
Test Conditions
IDD
Dynamic Current
(Power Supply Current)
-
395
mA
VDD=3.3, Freq=60Mhz
(Typical 367mA)
IOVDD
Interface Power Supply
Voltage
3
3.6
V
Normal Operation
VDD
Core Power Supply
Voltage
3
3.6
V
Normal Operation
V
ADC Power Supply
Voltage
3
3.6
V
Normal Operation
VIL
Input Low Voltage
0
0.3V DD
V
VIH
Input High Voltage
0.7V DD
VDD+
0.5
V
VOL
Output Low Voltage
-
0.4
V
IOL = 4 mA
VOH
Output High Voltage
2.4
-
V
IOH = 4 mA
IIH
Input High Current
-10
10
uA
VIL = VDD
IIL
Input Low Current
-10
10
uA
VDD = 3.6, VIL =0.5
CIN
Input Capacitance
(analog pad)
-
10
10
pF
Typical 8.76pF
(8.52pF)
COUT
Output Capacitance
-
10
pF
Typical 8.83pF
(IOVDD and VDD = 3.3V+ or - 5%, TA = 0 to 70 c, unless otherwise specified)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com