Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HDM8513 Datasheet(PDF) 54 Page - Hynix Semiconductor

Part # HDM8513
Description  DVB/DSS Compliant Receiver
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HDM8513 Datasheet(HTML) 54 Page - Hynix Semiconductor

Back Button HDM8513 Datasheet HTML 50Page - Hynix Semiconductor HDM8513 Datasheet HTML 51Page - Hynix Semiconductor HDM8513 Datasheet HTML 52Page - Hynix Semiconductor HDM8513 Datasheet HTML 53Page - Hynix Semiconductor HDM8513 Datasheet HTML 54Page - Hynix Semiconductor HDM8513 Datasheet HTML 55Page - Hynix Semiconductor HDM8513 Datasheet HTML 56Page - Hynix Semiconductor HDM8513 Datasheet HTML 57Page - Hynix Semiconductor HDM8513 Datasheet HTML 58Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 67 page
background image
54
Example for determination of internal clock
Desired internal clock:
External clock supplied:
N divider ratio range: 1 – 31 (integer)
M divider ratio range: 1 or 4 (integer)
Calculation is as follows:
<Example 1>
Desired internal clock: 60MHz
External clock supplied: 16MHz
N divider ratio range: 1 – 31 (integer)
M divider ratio range: 1 or 4 (integer)
Calculation is as follows: 60 =16 x N/M
Case M =4, N must be 15
Case M =1, N is impossible
Only one possible case exists
<Example 2>
Desired internal clock: 60MHz
External clock supplied: 4MHz
N divider ratio range: 1 – 31 (integer)
M divider ratio range: 1 or 4 (integer)
Calculation is as follows: 60 =4 x N/M
Case M =1, N must be 15
Case M =4, N is impossible
Only one possible case exists.
fint_clk
fext_clk
fint_clk =
M
N
fext_clk



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com