Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HDM8513 Datasheet(PDF) 33 Page - Hynix Semiconductor

Part # HDM8513
Description  DVB/DSS Compliant Receiver
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HDM8513 Datasheet(HTML) 33 Page - Hynix Semiconductor

Back Button HDM8513 Datasheet HTML 29Page - Hynix Semiconductor HDM8513 Datasheet HTML 30Page - Hynix Semiconductor HDM8513 Datasheet HTML 31Page - Hynix Semiconductor HDM8513 Datasheet HTML 32Page - Hynix Semiconductor HDM8513 Datasheet HTML 33Page - Hynix Semiconductor HDM8513 Datasheet HTML 34Page - Hynix Semiconductor HDM8513 Datasheet HTML 35Page - Hynix Semiconductor HDM8513 Datasheet HTML 36Page - Hynix Semiconductor HDM8513 Datasheet HTML 37Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 67 page
background image
33
4.2 64 Pin Thin Quad Flat Pack
4.2.1 Pin Assignment
1
FRAME_ERROR
17
VSSA
33
VDD
49
IOVSS
2
FRAME_SYNC
18
VDDA
34
VSS
50
VDD
3
LNB_SYNC
19
REF_I
35
I2C_ADD2
51
VSS
4
WB_AGC
20
REF_Q
36
IOVDD
52
DATA7
5
IOVDD
21
AIN_Q
37
IOVSS
53
DATA6
6
IOVSS
22
VBOT
38
I2C_ADD1
54
DATA5
7
TEST13
23
VSSA
39
I2C_ADD0
55
LOCK
8
TEST12
24
VDD
40
VDD
56
DATA4
9
VDD
25
VSS
41
VSS
57
DATA3
10
VSS
26
N/C
42
VB_CLOCK
58
IOVDD
11
TEST11
27
N/C
43
VB_DATA
59
DATA2
12
TEST10
28
N/C
44
BUSMODE
60
DATA1
13
TEST9
29
XTAL1
45
SDA_I2C0
61
DATA0
14
TEST8
30
IOVDD
46
SDA_I2C
62
DATA_VALID
15
VTOP
31
IOVSS
47
SCL_I2C0
63
DATA_STB
16
AIN_I
32
RESET
48
SCL_I2C
64
DATA_CLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com