Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HDM8513 Datasheet(PDF) 12 Page - Hynix Semiconductor

Part # HDM8513
Description  DVB/DSS Compliant Receiver
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HDM8513 Datasheet(HTML) 12 Page - Hynix Semiconductor

Back Button HDM8513 Datasheet HTML 8Page - Hynix Semiconductor HDM8513 Datasheet HTML 9Page - Hynix Semiconductor HDM8513 Datasheet HTML 10Page - Hynix Semiconductor HDM8513 Datasheet HTML 11Page - Hynix Semiconductor HDM8513 Datasheet HTML 12Page - Hynix Semiconductor HDM8513 Datasheet HTML 13Page - Hynix Semiconductor HDM8513 Datasheet HTML 14Page - Hynix Semiconductor HDM8513 Datasheet HTML 15Page - Hynix Semiconductor HDM8513 Datasheet HTML 16Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 67 page
background image
12
Table 7: Intel 8051 Read Cycle Timing Parameters (Busmode = 1)
Symbol
Parameter
Min.
Max.
Unit
tsu1
Input Address Setup before /CE Active
5
-
ns
th1
Input Address and /CE Hold after /RE Inactive
5
-
ns
tpw1
/RE Active Duration
400
-
ns
tpd1
Delay from /RE Active to HI_DATA [7:0] Valid
-
40
ns
tdoz1
Delay from /RE Inactive to HI_DATA[7:0] Tristate Mode
10
-
ns
Valid
HI_ADDR [4:0]
/CE
/RE
HI_DATA[7:0]
tsu1
tdoz1
pd1
tpw1
t
th1
FIGURE 5: INTEL 8051 READ TIMING DIAGRAM
#This page is only for HDM8513AP.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com