Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HDM8513 Datasheet(PDF) 39 Page - Hynix Semiconductor

Part # HDM8513
Description  DVB/DSS Compliant Receiver
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HDM8513 Datasheet(HTML) 39 Page - Hynix Semiconductor

Back Button HDM8513 Datasheet HTML 35Page - Hynix Semiconductor HDM8513 Datasheet HTML 36Page - Hynix Semiconductor HDM8513 Datasheet HTML 37Page - Hynix Semiconductor HDM8513 Datasheet HTML 38Page - Hynix Semiconductor HDM8513 Datasheet HTML 39Page - Hynix Semiconductor HDM8513 Datasheet HTML 40Page - Hynix Semiconductor HDM8513 Datasheet HTML 41Page - Hynix Semiconductor HDM8513 Datasheet HTML 42Page - Hynix Semiconductor HDM8513 Datasheet HTML 43Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 67 page
background image
39
5.3 Monitor and Control Interface
Three different modes are supported for the monitor and control interface. Two of the modes are 8
bit parallel interfaces, one which supports Intel microcontrollers and the other intended for Motorola
microcontrollers. The third mode is a serial interface conforming to the I2C standard.
The I2C mode is activated by placing BUSMODE high at the same time both /RE and /WE are low
simultaneously. When this mode is active, the seven bit I2C slave address of the HDM8513A is
configured by the seven least significant bits of the HI_DATA[7:0] bus.
HI_DATA [7:0]
This bi-directional data bus is used for transferring control parameters to
the demodulator and for reading the status registers within the
demodulator.
/CE
Chip enable is an active low input to the demodulator which signifies that
the other control signals are active.
/RE
Read Enable is an active low input to the device which, when active at the
same time chip enable is true, permits the device to drive the HI_DATA
[7:0] lines. When BUSMODE is 0 (Motorola), this pin is read / not write
(see timing diagrams).
/WE
Write enable is an active low input to the device which, when true at the
same time chip enable is true, causes input data on the HI_DATA [7:0] bus
to be transferred to the register defined by the HI_ADDR [4:0] bus. When
BUSMODE is 0 (Motorola), this pin is not data strobe (see timing
diagrams).
HI_ADDR [4:0]
The address bus defines which location within the device is to be accessed
during a read or write operation.
BUSMODE
BUSMODE selects the type of microcontroller/processor used to setup the
chip. When high, an Intel processor/microcontroller interface is used.
When low, a Motorola processor interface is used.
DTACK
Data Acknowledge/Data Ready is a tristate output signal which informs
the controlling processor that a data transfer has been acknowledged by
the HDM8513A.
SCL_I2C
This pin provides the clock for the I2C interface when that mode is active.
SDA_I2C
This pin is the data for the I2C interface and requires an external pull-up
resistor as per the I2C standard.
SDA_I2CO
This pin, which can be by-passed, is the data for the I2C interface.
SCL_I2CO
This pin, which can be by-passed, provides the clock for the I2C interface.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com