Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HDM8513 Datasheet(PDF) 67 Page - Hynix Semiconductor

Part # HDM8513
Description  DVB/DSS Compliant Receiver
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HDM8513 Datasheet(HTML) 67 Page - Hynix Semiconductor

Back Button HDM8513 Datasheet HTML 59Page - Hynix Semiconductor HDM8513 Datasheet HTML 60Page - Hynix Semiconductor HDM8513 Datasheet HTML 61Page - Hynix Semiconductor HDM8513 Datasheet HTML 62Page - Hynix Semiconductor HDM8513 Datasheet HTML 63Page - Hynix Semiconductor HDM8513 Datasheet HTML 64Page - Hynix Semiconductor HDM8513 Datasheet HTML 65Page - Hynix Semiconductor HDM8513 Datasheet HTML 66Page - Hynix Semiconductor HDM8513 Datasheet HTML 67Page - Hynix Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 67 / 67 page
background image
67
A4. Nyquist Criteria Considerations
The HDM8513A is clocked at 60MHz, yet processes signals with symbol rates as high as 45M
symbols-per-second. At first thought, this might appear to be violating the Nyquist criteria which
states that the sampling rate must be at least twice the highest frequency component. The total
bandwidth of the 45Msps signal, with 35% excess bandwidth, is about 60MHz.
The samples provided to the HDM8513A are complex samples, which is equivalent to 120M
samples-per-second, which does satisfy the Nyquist criteria. Another way of looking at this is to
examine the baseband signal. The signal bandwidth covers 60MHz, but the baseband spectrum
covers from -30MHz to +30MHz. There are no baseband frequency components greater than
30MHz, and the 60MHz clock is adequate as long as complex samples are taken.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com