Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HDM8513 Datasheet(PDF) 57 Page - Hynix Semiconductor

Part # HDM8513
Description  DVB/DSS Compliant Receiver
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HDM8513 Datasheet(HTML) 57 Page - Hynix Semiconductor

Back Button HDM8513 Datasheet HTML 53Page - Hynix Semiconductor HDM8513 Datasheet HTML 54Page - Hynix Semiconductor HDM8513 Datasheet HTML 55Page - Hynix Semiconductor HDM8513 Datasheet HTML 56Page - Hynix Semiconductor HDM8513 Datasheet HTML 57Page - Hynix Semiconductor HDM8513 Datasheet HTML 58Page - Hynix Semiconductor HDM8513 Datasheet HTML 59Page - Hynix Semiconductor HDM8513 Datasheet HTML 60Page - Hynix Semiconductor HDM8513 Datasheet HTML 61Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 67 page
background image
57
1B
FEC Lock
Bit 0. Viterbi Node Sync
When this bit is set to one, the Viterbi decoder has successfully
established node synchronization.
Bit 1. Frame Sync
When this bit is set to one, the FEC chip has successfully established
word sync and frame sync.
Bit 2. Viterbi Byte Sync
When this bit is set to one, the Viterbi decoder has successfully
established byte-synchronization.
Bit 3. Pi Ambiguity
When this bit is set to one, the Viterbi decoder has successfully
resolved pi ambiguity in the input data. (i.e inverted data)
Bit 4. Pi/2 Ambiguity
When this bit is set to one, the Viterbi decoder has successfully
resolved pi/2 ambiguity in the input data
1C,1D
Accumulated Reed Solomon Errors
These two registers present a count of corrected errors since it was last
reset. Bit 7 of address 1C is the MSB and bit 0 of address 1D is the
LSB. These registers are reset by writing value to address 10H.
1E
Accumulated Reed Solomon Data
This register presents a count of the uncorrected code words since it
was last reset. When it reaches its maximum count(255), it rolls back
to zero
and starts counting again. This register is reset by writing value to
address 10H.
1F
Device Identifier
This register present device identifier. The current value of this register
is
93H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com