Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HDM8513 Datasheet(PDF) 26 Page - Hynix Semiconductor

Part # HDM8513
Description  DVB/DSS Compliant Receiver
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HDM8513 Datasheet(HTML) 26 Page - Hynix Semiconductor

Back Button HDM8513 Datasheet HTML 22Page - Hynix Semiconductor HDM8513 Datasheet HTML 23Page - Hynix Semiconductor HDM8513 Datasheet HTML 24Page - Hynix Semiconductor HDM8513 Datasheet HTML 25Page - Hynix Semiconductor HDM8513 Datasheet HTML 26Page - Hynix Semiconductor HDM8513 Datasheet HTML 27Page - Hynix Semiconductor HDM8513 Datasheet HTML 28Page - Hynix Semiconductor HDM8513 Datasheet HTML 29Page - Hynix Semiconductor HDM8513 Datasheet HTML 30Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 67 page
background image
26
The table below illustrates a typical acquisition timing. For this example, the symbol rate is one
half of the clock rate. The code rate is set to 5/6, which requires 13 trial and errors before node
sync is achieved. The carrier search logic requires 10 dwells at different frequencies (500 symbols
per dwell) before demodulator lock is achieved.
Table 12: Example of Acquisition Timing
Bit Times
Symbols
Clock Cycles
Carrier Search
8,333
5,000
10,000
Viterbi Node Sync
2,652
1,591
3,182
Byte Sync
16,000
9,600
19,200
Deinterleaver Flush
19,584
11,750
23,500
Reed Solomon
1,632
979
1,958
Total Timing
48,201
26,950
57,840
The total time required for acquisition could vary widely, depending upon the carrier search range
and the time required for Viterbi node sync. For this example, however, the Byte Sync time and
the time required to flush the deinterleaver dominates the total time. If a 60MHz clock were
employed, the total acquisition time would be 0.963 milliseconds for this example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com