Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HDM8513 Datasheet(PDF) 49 Page - Hynix Semiconductor

Part # HDM8513
Description  DVB/DSS Compliant Receiver
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HDM8513 Datasheet(HTML) 49 Page - Hynix Semiconductor

Back Button HDM8513 Datasheet HTML 45Page - Hynix Semiconductor HDM8513 Datasheet HTML 46Page - Hynix Semiconductor HDM8513 Datasheet HTML 47Page - Hynix Semiconductor HDM8513 Datasheet HTML 48Page - Hynix Semiconductor HDM8513 Datasheet HTML 49Page - Hynix Semiconductor HDM8513 Datasheet HTML 50Page - Hynix Semiconductor HDM8513 Datasheet HTML 51Page - Hynix Semiconductor HDM8513 Datasheet HTML 52Page - Hynix Semiconductor HDM8513 Datasheet HTML 53Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 67 page
background image
49
Bit 4. This bit should be fixed to zero
Bit 5. Regulated Data Clock
Enables/Disables the data and data clock regulator. When this bit is set
to 1, data output and data clock are regulated by FIFO operation. When
this bit is set to 0, internal data output and internal data clock are by-
passed
Bit 6. Serial Valid
When this bit is set to 1, DATA_STB signal sustains high when valid bit
is out (mode 2). When this bit is set to 0, DATA_STB signal alternates
when every valid bit is out (mode 1). Refer to figure 12 and figure 13.
Bit 7. Clock Polarity
This bit is used to select the DATA_CLK polarity either for serial or
parallel transport interface. If this bit is set to zero(default value), the
transport data and control signals are latched at the positive edge of
DATA_CLK. Otherwise, the signals are latched at the negative edge of
DATA_CLK.
15
Viterbi Lock Threshold
Register 15 to 17 contain control parameters for synchronization in
Viterbi decoder. Ordinary users are recommended to use the default
value.
Bit[7:4] defines the lock threshold for VB_NODESYNC. Viterbi decoder
decides that the correct code rate has been found. A large number
means it takes longer to find the correct code rate in automatic
detection mode. It should be greater than 7. The default value is 12.
Bit[3:0] defines the lock fail threshold. Viterbi decoder rejects a code
rate and moves on to the next code rate. A small number means Viterbi
decoder tries more data before it moves to the next code rate. It should
be less than 7. The default value is 2.
16
Viterbi Unlock Threshold
This number defines the threshold to maintain the Viterbi lock state. A
large number means it needs more bad data to get out of the viterbi lock
state and re-start searching the correct code rate. The default value is
1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com