Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HDM8513 Datasheet(PDF) 21 Page - Hynix Semiconductor

Part # HDM8513
Description  DVB/DSS Compliant Receiver
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HDM8513 Datasheet(HTML) 21 Page - Hynix Semiconductor

Back Button HDM8513 Datasheet HTML 17Page - Hynix Semiconductor HDM8513 Datasheet HTML 18Page - Hynix Semiconductor HDM8513 Datasheet HTML 19Page - Hynix Semiconductor HDM8513 Datasheet HTML 20Page - Hynix Semiconductor HDM8513 Datasheet HTML 21Page - Hynix Semiconductor HDM8513 Datasheet HTML 22Page - Hynix Semiconductor HDM8513 Datasheet HTML 23Page - Hynix Semiconductor HDM8513 Datasheet HTML 24Page - Hynix Semiconductor HDM8513 Datasheet HTML 25Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 67 page
background image
21
signal level variations. An analog wideband AGC is also employed to insure that the analog signal
applied to the A/D converters is properly scaled.
Both the symbol timing and carrier tracking loops are implemented digitally, which eliminates the
need for external connections to analog tuning components during steady state operation. This
causes the requirements on the analog presampling filter to be relaxed, permitting a lower cost
analog front end. For systems which require a narrowband presampling filter, and have the potential
for significant frequency error in the LNB (several MHz) the HDM8513A provides a high resolution
measure of carrier frequency to permit periodic readjustment of the front end tuner frequency to
compensate for drift. The host processor periodically reads the frequency register, then computes
appropriate correction to the tuner frequency.
The nominal symbol rate and the nominal carrier frequency are programmed into the demodulator
to an accuracy provided by 20 bits of resolution, and the system accuracy is equivalent to that of
the fixed frequency sampling clock.
During initial acquisition, the HDM8513A provides an automated sweep program to facilitate carrier
acquisition. The host processor loads a 20 bit register which determines the initial carrier
frequency. A 16 bit register is programmed with the number of symbol times the receiver will dwell
at each frequency. If the receiver remains at the initial frequency for the programmed number of
symbol times without achieving lock, the carrier frequency is incremented by the step frequency
value programmed into another 16 bit register. If no lock is achieved, the receiver will continue to
increment the frequency until the maximum number of search frequencies, as determined by the
value in an eight bit register, is achieved. When the maximum number of search frequencies is
reached, the carrier frequency returns to the initial value and the entire process is repeated. Once
the host processor determines that lock is achieved by observing the lock flag, it then inhibits the
sweep function and programs loop bandwidth parameters which are optimized for steady state
performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com