Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HDM8513 Datasheet(PDF) 41 Page - Hynix Semiconductor

Part # HDM8513
Description  DVB/DSS Compliant Receiver
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HDM8513 Datasheet(HTML) 41 Page - Hynix Semiconductor

Back Button HDM8513 Datasheet HTML 37Page - Hynix Semiconductor HDM8513 Datasheet HTML 38Page - Hynix Semiconductor HDM8513 Datasheet HTML 39Page - Hynix Semiconductor HDM8513 Datasheet HTML 40Page - Hynix Semiconductor HDM8513 Datasheet HTML 41Page - Hynix Semiconductor HDM8513 Datasheet HTML 42Page - Hynix Semiconductor HDM8513 Datasheet HTML 43Page - Hynix Semiconductor HDM8513 Datasheet HTML 44Page - Hynix Semiconductor HDM8513 Datasheet HTML 45Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 67 page
background image
41
retransmit the HDM8513A slave address, this time with the read/not write bit set to one (read).
This will be acknowledged by the HDM8513A, which then assumes the role of slave transmitter
and transmits the requested byte. This byte should be acknowledged by the master receiver. If no
stop condition is generated by the master, the HDM8513A will increment its word address pointer
and transmit the next byte of information. This process is detailed in Figure 26.
S
SLAVE ADDRESS 0 A
WORD ADDRESS
A
S
SLAVE ADDRESS
1 A
DATA BYTE
A
7 Bits
8 Bits
7 Bits
acknowledgement
from slave
R/W
acknowledgement
from slave
acknowledgement
from slave
acknowledgement
from master
R/W
auto increment
memory word address
DATA BYTE
A
P
auto increment
memory word address
acknowledgement
from master
last byte
S: Start Condition
A:
Acknowledge
P: Stop Condition
HDM8513A becomes
slave transmitter
FIGURE 27: I2C READ FROM THE HDM8513A
Table 13: I2C Slave Address
I2C_ADD0
I2C_ADD1
I2C_ADD2
I2C Address
0
0
0
0000000
1
0
0
0000011
0
1
0
0001100
1
1
0
0001111
0
0
1
0110000
1
0
1
0110011
0
1
1
0111100
1
1
1
0111111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com