Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HDM8513 Datasheet(PDF) 29 Page - Hynix Semiconductor

Part # HDM8513
Description  DVB/DSS Compliant Receiver
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HDM8513 Datasheet(HTML) 29 Page - Hynix Semiconductor

Back Button HDM8513 Datasheet HTML 25Page - Hynix Semiconductor HDM8513 Datasheet HTML 26Page - Hynix Semiconductor HDM8513 Datasheet HTML 27Page - Hynix Semiconductor HDM8513 Datasheet HTML 28Page - Hynix Semiconductor HDM8513 Datasheet HTML 29Page - Hynix Semiconductor HDM8513 Datasheet HTML 30Page - Hynix Semiconductor HDM8513 Datasheet HTML 31Page - Hynix Semiconductor HDM8513 Datasheet HTML 32Page - Hynix Semiconductor HDM8513 Datasheet HTML 33Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 67 page
background image
29
3.7 Clock Generation PLL
An integrated VCO is locked to MxN times a reference frequency provided by a external clock.
int_clk
ext_clk
1/M
1/2
1
0
1/N
enable
PLL Analog Core
FRef
FFb
Reference
Divider
Feedback
Divider
FIGURE 20: CLOCK SIGNAL GENERATION
This programmable PLL consists of a PLL analog core, a reference divider with a divider ratio M, a
feedback divider with a divider ratio N, and a divider which askes the duty cycle 1/2.
Reference divider and feedback divider are used to synthesize various frequencies from a reference
frequency,
Since PLL synchronizes the frequency and phase of two signals, FRef and FFb,
Internal clock is calculated as follows
The following two PLL modes are provided to control PLL.
(1) PLL Enable mode : The internal clock is connected to the generated clock of the PLL.
(2) PLL Disable mode : The PLL is bypassed and the external clock is directly connected to the
internal clock.
More information can be found on the part of the write register.
fext_clk
M
=
fint_clk
N
fint_clk =
M
N
fext_clk
fext_clk.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com