Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HY628100A Datasheet (PDF) - Hynix Semiconductor

HY628100A Datasheet PDF - Hynix Semiconductor
Part # HY628100A
Download  HY628100A Download
File Size   128.0 Kbytes
Page   9 Pages
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor
Description 128Kx8bit CMOS SRAM

HY628100A Datasheet (PDF)

Go To PDF Page Download Datasheet
HY628100A Datasheet PDF - Hynix Semiconductor

Part # HY628100A
Download  HY628100A Click to download

File Size   128.0 Kbytes
Page   9 Pages
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor
Description 128Kx8bit CMOS SRAM

HY628100A Datasheet (HTML) - Hynix Semiconductor


HY628100A Product details

DESCRIPTION

The HY628100A is a high speed, low power and 1M bit CMOS Static Random Access Memory organized as 131,072 words by 8bit. The HY628100A uses high performance CMOS process technology and designed for  high speed low power circuit technology. It is  particulary well

suited for used in  high density low power system application. This device has a data retention

mode that guarantees data to remain valid at a minimum power supply voltage of 2.0V.



FEATURES

·  Fully static operation and Tri-state output

·  TTL compatible inputs and outputs

·  Battery backup(L/LL-part)

- 2.0V(min) data retention

·  Standard pin configuration

- 32pin 525mil SOP

- 32pin 8x20mm TSOP-I (Standard)




Similar Part No. - HY628100A

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY628100B HYNIX-HY628100B Datasheet
175Kb / 10P
128K x8 bit 5.0V Low Power CMOS slow SRAM
HY628100B-E HYNIX-HY628100B-E Datasheet
175Kb / 10P
128K x8 bit 5.0V Low Power CMOS slow SRAM
HY628100B-I HYNIX-HY628100B-I Datasheet
175Kb / 10P
128K x8 bit 5.0V Low Power CMOS slow SRAM
HY628100BLG HYNIX-HY628100BLG Datasheet
175Kb / 10P
128K x8 bit 5.0V Low Power CMOS slow SRAM
HY628100BLG-E HYNIX-HY628100BLG-E Datasheet
175Kb / 10P
128K x8 bit 5.0V Low Power CMOS slow SRAM
More results


Similar Description - HY628100A

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KM6164002 SAMSUNG-KM6164002 Datasheet
167Kb / 9P
CMOS SRAM
logo
Hynix Semiconductor
HY62256A HYNIX-HY62256A Datasheet
820Kb / 9P
32Kx8bit CMOS SRAM
HY62CT08081E HYNIX-HY62CT08081E Datasheet
186Kb / 12P
32Kx8bit CMOS SRAM
logo
List of Unclassifed Man...
STK11C68-M ETC-STK11C68-M Datasheet
59Kb / 10P
CMOS NV SRAM
logo
Samsung semiconductor
K6X8008T2B SAMSUNG-K6X8008T2B Datasheet
129Kb / 9P
CMOS SRAM
logo
Hynix Semiconductor
HY62KT08081E HYNIX-HY62KT08081E Datasheet
192Kb / 12P
32Kx8bit CMOS SRAM
logo
Samsung semiconductor
K6R4008V1B SAMSUNG-K6R4008V1B Datasheet
214Kb / 10P
CMOS SRAM
logo
Hynix Semiconductor
HY62U8400A HYNIX-HY62U8400A Datasheet
180Kb / 11P
512Kx8bit CMOS SRAM
HY62LF16404C HYNIX-HY62LF16404C Datasheet
186Kb / 10P
256Kx16bit full CMOS SRAM
logo
Samsung semiconductor
K6T4016C3C SAMSUNG-K6T4016C3C Datasheet
148Kb / 9P
CMOS SRAM
More results




About Hynix Semiconductor


Hynix Semiconductor is a South Korean company that specializes in the design and manufacture of memory semiconductors.
The company was founded in 1983 and is headquartered in Icheon, South Korea.
Hynix is one of the world's leading producers of DRAM (dynamic random access memory) and NAND flash memory, which are used in various applications such as computer systems, mobile devices, and solid-state drives.
Hynix is known for its expertise in memory semiconductor technology and its ability to deliver high-quality and high-performance memory products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized memory solutions that meet their specific requirements and needs.
In addition to its memory products, Hynix also provides a range of products and solutions for the automotive and data center markets, such as system-on-a-chip (SoC) products and high-bandwidth memory (HBM) products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com