Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HY628100B Datasheet (PDF) - Hynix Semiconductor

HY628100B Datasheet PDF - Hynix Semiconductor
Part # HY628100B
Download  HY628100B Download
File Size   175.71 Kbytes
Page   10 Pages
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor
Description 128K x8 bit 5.0V Low Power CMOS slow SRAM

HY628100B Datasheet (PDF)

Go To PDF Page Download Datasheet
HY628100B Datasheet PDF - Hynix Semiconductor

Part # HY628100B
Download  HY628100B Click to download

File Size   175.71 Kbytes
Page   10 Pages
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor
Description 128K x8 bit 5.0V Low Power CMOS slow SRAM

HY628100B Datasheet (HTML) - Hynix Semiconductor


HY628100B Product details

DESCRIPTION
The HY628100B is a high speed, low power and 1M bit CMOS Static Random Access Memory organized as 131,072 words by 8bit. The HY628100B uses high performance CMOS process technology and designed for high speed low power circuit technology. It is particulary well suited for used in high density low power system application. This device has a data retention mode that guarantees data to remain valid at a minimum power supply voltage of 2.0V.

FEATURES
● Fully static operation and Tri-state output
● TTL compatible inputs and outputs
● Battery backup(L/LL-part)
   -. 2.0V(min) data retention
● Standard pin configuration
   -. 32pin SOP - 525mil
   -. 32pin TSOPI - 8X20(Standard)




Similar Part No. - HY628100B

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY628100A HYNIX-HY628100A Datasheet
128Kb / 9P
128Kx8bit CMOS SRAM
HY628100AG HYNIX-HY628100AG Datasheet
128Kb / 9P
128Kx8bit CMOS SRAM
HY628100ALG HYNIX-HY628100ALG Datasheet
128Kb / 9P
128Kx8bit CMOS SRAM
HY628100ALLG HYNIX-HY628100ALLG Datasheet
128Kb / 9P
128Kx8bit CMOS SRAM
HY628100ALLT1 HYNIX-HY628100ALLT1 Datasheet
128Kb / 9P
128Kx8bit CMOS SRAM
More results


Similar Description - HY628100B

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KM681000B SAMSUNG-KM681000B Datasheet
192Kb / 11P
128K x8 bit Low Power CMOS Static RAM
logo
Hynix Semiconductor
GM76C256C HYNIX-GM76C256C Datasheet
177Kb / 11P
32K x8 bit 5.0V Low Power CMOS slow SRAM
GM76U256C HYNIX-GM76U256C Datasheet
175Kb / 11P
32K x8 bit 3.0V Low Power CMOS slow SRAM
HY628400A HYNIX-HY628400A Datasheet
182Kb / 11P
512K x8 bit 5.0V Low Power CMOS slow SRAM
GM76V256C HYNIX-GM76V256C Datasheet
175Kb / 11P
32K x8 bit 3.3V Low Power CMOS slow SRAM
HY62U8200B HYNIX-HY62U8200B Datasheet
188Kb / 12P
256K x8 bit 3.0V Low Power CMOS slow SRAM
HY62V8100B HYNIX-HY62V8100B Datasheet
205Kb / 12P
128K x8 bit 3.3V Low Power CMOS slow SRAM
HY62U8100B HYNIX-HY62U8100B Datasheet
205Kb / 12P
128K x8 bit 3.0V Low Power CMOS slow SRAM
logo
Samsung semiconductor
KM681000C SAMSUNG-KM681000C Datasheet
191Kb / 10P
128K x8 bit Low Power CMOS Static RAM
logo
Hynix Semiconductor
HY62V8400A HYNIX-HY62V8400A Datasheet
181Kb / 11P
512K x8 bit 3.3V Low Power CMOS slow SRAM
More results




About Hynix Semiconductor


Hynix Semiconductor is a South Korean company that specializes in the design and manufacture of memory semiconductors.
The company was founded in 1983 and is headquartered in Icheon, South Korea.
Hynix is one of the world's leading producers of DRAM (dynamic random access memory) and NAND flash memory, which are used in various applications such as computer systems, mobile devices, and solid-state drives.
Hynix is known for its expertise in memory semiconductor technology and its ability to deliver high-quality and high-performance memory products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized memory solutions that meet their specific requirements and needs.
In addition to its memory products, Hynix also provides a range of products and solutions for the automotive and data center markets, such as system-on-a-chip (SoC) products and high-bandwidth memory (HBM) products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com