Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AV9154A-60 Datasheet (PDF) - Integrated Circuit Systems

AV9154A-60 Datasheet PDF - Integrated Circuit Systems
Part # AV9154A-60
Download  AV9154A-60 Download
File Size   148.22 Kbytes
Page   7 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description OPTi Notebook Frequency Generator

AV9154A-60 Datasheet (PDF)

Go To PDF Page Download Datasheet
AV9154A-60 Datasheet PDF - Integrated Circuit Systems

Part # AV9154A-60
Download  AV9154A-60 Click to download

File Size   148.22 Kbytes
Page   7 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description OPTi Notebook Frequency Generator

AV9154A-60 Datasheet (HTML) - Integrated Circuit Systems


AV9154A-60 Product details

General Description
The AV9154A-60 is a low cost frequency generator designed for general purpose PC and disk drive applications. Its CPU clocks provide all necessary frequencies for 286, 386 and 486 systems, including support for the latest speeds of processors. The standard devices use a 14.318 MHz crystal to generate the CPU and peripheral clocks for integrated desktop and notebook motherboards.

Features
• Compatible with 286, 386, and 486 CPUs
• Up to 66.6 MHz (-60) CPU clocks
• All loop filter components internal
• 3.3V and 5V operation
• 16-pin 150-mil SOIC
• Power-down control of CPU clock

Applications
   Computer Motherboards: The AV9154A-60 replaces crystals
   and oscillators, saving board space, component cost, part
   count and inventory costs. It produces switchable CPU clock
   and up to four fixed clocks to drive floppy disk,
   communications, super I/O, bus and/or keyboard devices. The
   small package and 3.3V operation is perfect for handheld
   computers.




Similar Part No. - AV9154A-60

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
AV9154A-04CN16 ICST-AV9154A-04CN16 Datasheet
901Kb / 10P
Low-Cost 16-Pin Frequency Generator
Rev B 04/17/97
AV9154A-04CS16 ICST-AV9154A-04CS16 Datasheet
901Kb / 10P
Low-Cost 16-Pin Frequency Generator
Rev B 04/17/97
AV9154A-10CN16 ICST-AV9154A-10CN16 Datasheet
901Kb / 10P
Low-Cost 16-Pin Frequency Generator
Rev B 04/17/97
AV9154A-10CS16 ICST-AV9154A-10CS16 Datasheet
901Kb / 10P
Low-Cost 16-Pin Frequency Generator
Rev B 04/17/97
AV9154A-26CN16 ICST-AV9154A-26CN16 Datasheet
901Kb / 10P
Low-Cost 16-Pin Frequency Generator
Rev B 04/17/97
More results


Similar Description - AV9154A-60

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
W137 CYPRESS-W137 Datasheet
174Kb / 10P
Bx Notebook System Frequency Synthesizer
October 12, 1999
W164 CYPRESS-W164 Datasheet
137Kb / 11P
Spread Spectrum Desktop/Notebook System Frequency Generator
December 16, 1999, rev
W48S111-14 CYPRESS-W48S111-14 Datasheet
137Kb / 11P
Spread Spectrum Desktop/Notebook System Frequency Generator
October 28, 1999, rev. 0.7
W48S87-72 CYPRESS-W48S87-72 Datasheet
248Kb / 19P
Desktop/Notebook Frequency Generator
August 4, 2000 rev. A
logo
Integrated Circuit Syst...
ICS9159-05 ICST-ICS9159-05 Datasheet
228Kb / 7P
Frequency Generator for Pentium??OPTi VIPER Systems
Rev F 9/29/98
logo
PhaseLink Corporation
PLL702-05 PLL-PLL702-05 Datasheet
244Kb / 6P
Low EMI Peripheral Clock Generator for Notebook
logo
SpectraLinear Inc
W164 SPECTRALINEAR-W164 Datasheet
129Kb / 11P
Spread Spectrum Desktop/Notebook System Frequency Generator
logo
Cypress Semiconductor
W164 CYPRESS-W164_02 Datasheet
142Kb / 12P
Spread Spectrum Desktop/Notebook System Frequency Generator
logo
Dielectric Laboratories...
P21BN300MA3976 DILABS-P21BN300MA3976 Datasheet
425Kb / 4P
Opti - Cap
P21BN300MA4282 DILABS-P21BN300MA4282 Datasheet
389Kb / 4P
Opti - Cap
More results




About Integrated Circuit Systems


Integrated Circuit Systems (ICS) was an American company that specialized in the design and manufacture of timing and frequency control products.
The company was founded in 1980 and was headquartered in Norristown, Pennsylvania.
ICS was known for its expertise in timing and frequency control technology and its ability to deliver high-quality and reliable products for various applications such as computing, telecommunications, and industrial automation.
ICS provided a wide range of products including clock generators, clock buffers, clock synthesizers, and other timing and frequency control products.
In 2010, ICS was acquired by IDT (Integrated Device Technology), a leading provider of essential mixed-signal semiconductor solutions.
The ICS brand is no longer in use, but its technology and products continue to be a part of IDT's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com