Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AV9108-05 Datasheet (PDF) - Integrated Circuit Systems

AV9108-05 Datasheet PDF - Integrated Circuit Systems
Part # AV9108-05
Download  AV9108-05 Download
File Size   323.99 Kbytes
Page   8 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description CPU Frequency Generator

AV9108-05 Datasheet (PDF)

Go To PDF Page Download Datasheet
AV9108-05 Datasheet PDF - Integrated Circuit Systems

Part # AV9108-05
Download  AV9108-05 Click to download

File Size   323.99 Kbytes
Page   8 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description CPU Frequency Generator

AV9108-05 Datasheet (HTML) - Integrated Circuit Systems


AV9108-05 Product details

General Description
The AV9108 offers a tiny footprint solution for generating two simultaneous clocks. One clock, the REFCLK, is a fixed output frequency which is the same as the input reference crystal (or clock). The other clock, CLK1, can vary between 2 and 120 MHz, with up to 16 selectable preprogrammed frequencies stored in internal ROM.

Features
• Runs up to 80 MHz at 3.3V
• 50/50 typical duty cycle at 5V
• ±250ps absolute jitter
• Generates frequencies from 2 to 140 MHz
• 2 to 32 MHz input reference frequency
• Up to 16 frequencies stored internally
• Patented on-chip Phase Locked Loop with VCO for clock generation
• Provides reference clock and synthesized clock
• On-chip loop filter
• Low power 0.8µ CMOS technology
• 8-pin or 14-pin DIP or SOIC package




Similar Part No. - AV9108-05

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
AV9107C ICST-AV9107C Datasheet
504Kb / 9P
CPU Frequency Generator
Rev D 2/3/98
logo
Integrated Device Techn...
AV9107C IDT-AV9107C Datasheet
509Kb / 9P
CPU Frequency Generator
logo
Integrated Circuit Syst...
AV9107C-03CS14 ICST-AV9107C-03CS14 Datasheet
504Kb / 9P
CPU Frequency Generator
Rev D 2/3/98
AV9107C-05CS08 ICST-AV9107C-05CS08 Datasheet
504Kb / 9P
CPU Frequency Generator
Rev D 2/3/98
AV9107C-10CS08 ICST-AV9107C-10CS08 Datasheet
504Kb / 9P
CPU Frequency Generator
Rev D 2/3/98
More results


Similar Description - AV9108-05

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
AV9107C-11 ICST-AV9107C-11 Datasheet
69Kb / 1P
Green PC CPU Frequency Generator
RevA052197
AV9107C-13 ICST-AV9107C-13 Datasheet
245Kb / 5P
CPU Frequency Generator
RevB052197
AV9107C-17 ICST-AV9107C-17 Datasheet
143Kb / 5P
CPU Frequency Generator
RevC052197
AV9107C ICST-AV9107C Datasheet
504Kb / 9P
CPU Frequency Generator
Rev D 2/3/98
ICS950805 ICST-ICS950805 Datasheet
148Kb / 20P
Frequency Generator with 200MHz Differential CPU Clocks
logo
Exar Corporation
ST49C107A EXAR-ST49C107A Datasheet
66Kb / 8P
Preprogrammed CPU Mother Board Frequency Generator
logo
Integrated Circuit Syst...
ICS950812 ICST-ICS950812 Datasheet
225Kb / 29P
Frequency Generator with 200MHz Differential CPU Clocks
ICS950813 ICST-ICS950813 Datasheet
253Kb / 22P
Frequency Generator with 200MHz Differential CPU Clocks
logo
Integrated Device Techn...
AV9107C IDT-AV9107C Datasheet
509Kb / 9P
CPU Frequency Generator
AV9107C-17 IDT-AV9107C-17 Datasheet
149Kb / 5P
CPU Frequency Generator
More results




About Integrated Circuit Systems


Integrated Circuit Systems (ICS) was an American company that specialized in the design and manufacture of timing and frequency control products.
The company was founded in 1980 and was headquartered in Norristown, Pennsylvania.
ICS was known for its expertise in timing and frequency control technology and its ability to deliver high-quality and reliable products for various applications such as computing, telecommunications, and industrial automation.
ICS provided a wide range of products including clock generators, clock buffers, clock synthesizers, and other timing and frequency control products.
In 2010, ICS was acquired by IDT (Integrated Device Technology), a leading provider of essential mixed-signal semiconductor solutions.
The ICS brand is no longer in use, but its technology and products continue to be a part of IDT's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com