Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1567 Datasheet (PDF) - Integrated Circuit Systems

ICS1567 Datasheet PDF - Integrated Circuit Systems
Part # ICS1567
Download  ICS1567 Download
File Size   161.86 Kbytes
Page   11 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description Differential Output Video Dot Clock Generator

ICS1567 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS1567 Datasheet PDF - Integrated Circuit Systems

Part # ICS1567
Download  ICS1567 Click to download

File Size   161.86 Kbytes
Page   11 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description Differential Output Video Dot Clock Generator

ICS1567 Datasheet (HTML) - Integrated Circuit Systems


ICS1567 Product details

General Description
The ICS1567 is a very high performance monolithic PLL frequency synthesizer. Utilizing ICS’s advanced CMOS mixed-mode technology, the ICS1567 provides a low cost solution for high-end video clock generation, and for telecom system clock generation.

Features
• High frequency operation for extended video modes - up to 180 MHz
• Compatible with Brooktree high performance RAMDACs
    a) Differential output clocks with ECL logic levels
    b) Programmable divider modulus for load clock
    c) Circuitry included for automatic reset of Brooktree RAMDAC pipeline delay
• Low cost - eliminates need for multiple ECL crystal clock oscillators in video display systems
• Strobed/Transparent frequency select options
• 32-user selected mask-programmable frequencies
• Fast acquisition of selected frequencies, strobed or nonstrobed
• Advanced PLL for low phase-jitter
• Dynamic control of VCO sensitivity providing optimized loop gain over entire frequency range
• Small footprint - 16-pin wide body (300 mil) SOIC

Applications
• Workstations
• High-resolution PC and MAC displays
• 8514A - TMS340X0 systems
• EGA - VGA - Super VGA video
• Telecom reference clock generation - suitable for Sonet, ATM and other data rates up to 155.52Mb.




Similar Part No. - ICS1567

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS1562B ICST-ICS1562B Datasheet
289Kb / 20P
User Programmable Differential Output Graphics Clock Generator
Rev B 10/07/04
logo
Renesas Technology Corp
ICS1562B RENESAS-ICS1562B Datasheet
295Kb / 20P
User Programmable Differential Output Graphics Clock Generator
10/07/04
ICS1562BM-001 RENESAS-ICS1562BM-001 Datasheet
295Kb / 20P
User Programmable Differential Output Graphics Clock Generator
10/07/04
ICS1562BM-201 RENESAS-ICS1562BM-201 Datasheet
295Kb / 20P
User Programmable Differential Output Graphics Clock Generator
10/07/04
logo
Integrated Circuit Syst...
ICS1562BM-XXX ICST-ICS1562BM-XXX Datasheet
289Kb / 20P
User Programmable Differential Output Graphics Clock Generator
Rev B 10/07/04
More results


Similar Description - ICS1567

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS1572 ICST-ICS1572 Datasheet
276Kb / 19P
User Programmable Differential Output Graphics Clock Generator
RevC093094
ICS2495 ICST-ICS2495 Datasheet
314Kb / 7P
Dual Video/Memory Clock Generator
RevA090694
ICS1562B ICST-ICS1562B Datasheet
289Kb / 20P
User Programmable Differential Output Graphics Clock Generator
Rev B 10/07/04
logo
PulseCore Semiconductor
PCS1P2858A PULSECORE-PCS1P2858A_1 Datasheet
347Kb / 7P
Multi-Output Clock Generator
logo
New Japan Radio
NJM2504 NJRC-NJM2504 Datasheet
117Kb / 5P
VIDEO DIFFERENTIAL OUTPUT DRIVER
logo
Analog Devices
AD9518-0 AD-AD9518-0 Datasheet
1Mb / 64P
6-Output Clock Generator
REV. C
AD9518-3 AD-AD9518-3 Datasheet
1,002Kb / 64P
6-Output Clock Generator with 6-Output Clock Generator with
REV. B
AD9516-5BCPZ AD-AD9516-5BCPZ Datasheet
1Mb / 76P
14-Output Clock Generator
REV. A
AD9516-5BCPZ AD-AD9516-5BCPZ Datasheet
1Mb / 76P
14-Output Clock Generator
REV. A
logo
Renesas Technology Corp
ICS1562B RENESAS-ICS1562B Datasheet
295Kb / 20P
User Programmable Differential Output Graphics Clock Generator
10/07/04
More results




About Integrated Circuit Systems


Integrated Circuit Systems (ICS) was an American company that specialized in the design and manufacture of timing and frequency control products.
The company was founded in 1980 and was headquartered in Norristown, Pennsylvania.
ICS was known for its expertise in timing and frequency control technology and its ability to deliver high-quality and reliable products for various applications such as computing, telecommunications, and industrial automation.
ICS provided a wide range of products including clock generators, clock buffers, clock synthesizers, and other timing and frequency control products.
In 2010, ICS was acquired by IDT (Integrated Device Technology), a leading provider of essential mixed-signal semiconductor solutions.
The ICS brand is no longer in use, but its technology and products continue to be a part of IDT's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com