Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1562B Datasheet (PDF) - Integrated Circuit Systems

ICS1562B Datasheet PDF - Integrated Circuit Systems
Part # ICS1562B
Download  ICS1562B Download
File Size   289.98 Kbytes
Page   20 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description User Programmable Differential Output Graphics Clock Generator

ICS1562B Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS1562B Datasheet PDF - Integrated Circuit Systems

Part # ICS1562B
Download  ICS1562B Click to download

File Size   289.98 Kbytes
Page   20 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description User Programmable Differential Output Graphics Clock Generator

ICS1562B Datasheet (HTML) - Integrated Circuit Systems


ICS1562B Product details

Description
The ICS1562B is a very high performance monolithic phaselocked loop (PLL) frequency synthesizer. Utilizing ICS’s advanced CMOS mixed-mode technology, the ICS1562B provides a low cost solution for high-end video clock generation.

Features
• Two programming options:
    ICS1562B-001 (Parallel Programming)
    ICS1562B-201 (Serial Programming)
• Supports high-resolution graphics - CLK output to 260 MHz, with 400 MHz options available
• Eliminates need for multiple ECL output crystal oscillators
• Fully programmable synthesizer capability - not just a clock multiplier
• Circuitry included for reset of Brooktree RAMDAC pipeline delay
• VRAM shift clock generation capability (-201 option only)
• External feedback loop capability (-201 option only)
• Compact - 16-pin 0.150” skinny SOIC package
• Fully backward compatible to ICS1562




Similar Part No. - ICS1562B

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS1562B RENESAS-ICS1562B Datasheet
295Kb / 20P
User Programmable Differential Output Graphics Clock Generator
10/07/04
ICS1562BM-001 RENESAS-ICS1562BM-001 Datasheet
295Kb / 20P
User Programmable Differential Output Graphics Clock Generator
10/07/04
ICS1562BM-201 RENESAS-ICS1562BM-201 Datasheet
295Kb / 20P
User Programmable Differential Output Graphics Clock Generator
10/07/04
More results


Similar Description - ICS1562B

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS1522 ICST-ICS1522 Datasheet
366Kb / 13P
User-Programmable Video Clock Generator/ Line-Locked Clock Regenerator
RevF050697
ICS1567 ICST-ICS1567 Datasheet
161Kb / 11P
Differential Output Video Dot Clock Generator
RevB090894
ICS1572 ICST-ICS1572 Datasheet
276Kb / 19P
User Programmable Differential Output Graphics Clock Generator
RevC093094
ICS1574B ICST-ICS1574B Datasheet
187Kb / 12P
User Programmable Laser Engine Pixel Clock Generator
ICS2572 ICST-ICS2572 Datasheet
144Kb / 10P
User-Programmable Dual High-Performance Clock Generator
RevC090894
ICS2595 ICST-ICS2595 Datasheet
272Kb / 12P
User-Programmable Dual High-Performance Clock Generator
RevB 3/2/00
logo
Cypress Semiconductor
CY24141-3 CYPRESS-CY24141-3 Datasheet
67Kb / 6P
MediaClock Graphics Clock Generator
logo
List of Unclassifed Man...
CH9294 ETC1-CH9294 Datasheet
199Kb / 6P
DUAL GRAPHICS CLOCK GENERATOR
logo
Renesas Technology Corp
ICS1562B RENESAS-ICS1562B Datasheet
295Kb / 20P
User Programmable Differential Output Graphics Clock Generator
10/07/04
ICS1574B RENESAS-ICS1574B Datasheet
577Kb / 13P
User Programmable Laser Engine Pixel Clock Generator
2019
More results




About Integrated Circuit Systems


Integrated Circuit Systems (ICS) was an American company that specialized in the design and manufacture of timing and frequency control products.
The company was founded in 1980 and was headquartered in Norristown, Pennsylvania.
ICS was known for its expertise in timing and frequency control technology and its ability to deliver high-quality and reliable products for various applications such as computing, telecommunications, and industrial automation.
ICS provided a wide range of products including clock generators, clock buffers, clock synthesizers, and other timing and frequency control products.
In 2010, ICS was acquired by IDT (Integrated Device Technology), a leading provider of essential mixed-signal semiconductor solutions.
The ICS brand is no longer in use, but its technology and products continue to be a part of IDT's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com