Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1522 Datasheet (PDF) - Integrated Circuit Systems

ICS1522 Datasheet PDF - Integrated Circuit Systems
Part # ICS1522
Download  ICS1522 Download
File Size   366.05 Kbytes
Page   13 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description User-Programmable Video Clock Generator/ Line-Locked Clock Regenerator

ICS1522 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS1522 Datasheet PDF - Integrated Circuit Systems

Part # ICS1522
Download  ICS1522 Click to download

File Size   366.05 Kbytes
Page   13 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description User-Programmable Video Clock Generator/ Line-Locked Clock Regenerator

ICS1522 Datasheet (HTML) - Integrated Circuit Systems


ICS1522 Product details

General Description

The ICS1522 is a very high performance monolithic phase locked loop (PLL) frequency synthesizer. Utilizing ICS’s advanced CMOS mixed-mode technology, the ICS1522 provides a low-cost solution for high-end video clock generation where synchronization to an external video source is required.

The ICS1522 has differential video clock outputs (CLK+ and CLK-) that are compatible with industry standard video DAC.

Operating frequencies are fully programmable with direct control provided for reference divider, feedback divider and postscaler.



Features

• Serial programming: Feedback and reference divisors, VCO gain, phase comparator gain, relative phase and test modes.

• Supports high-resolution graphics - Differential CLK out-puts to 230 MHz

• Eliminates need for multiple ECL output voltage controlled crystal oscillators and external components

• Fully-programmable synthesizer capability - not just a clock multiplier

• Line-locked clock generation capability; 15 - 100 kHz

• External feedback loop capability allows graphics system to be used as the feedback divisor with synchronous switchover to internal feedback

• Small footprint 24-pin SOIC

• Coarse and fine phase adjustment permits precise clocking in video recovery application



Applications

• LCD Projector Systems

• Multimedia video line locking

• Genlock applications



 




Similar Part No. - ICS1522

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS1523 ICST-ICS1523 Datasheet
459Kb / 21P
Video Clock Synthesizer with I2C Programmable Delay
Revision 110905
logo
Integrated Device Techn...
ICS1523 IDT-ICS1523 Datasheet
452Kb / 21P
Video Clock Synthesizer with I2C Programmable Delay
logo
Integrated Circuit Syst...
ICS1523M ICST-ICS1523M Datasheet
459Kb / 21P
Video Clock Synthesizer with I2C Programmable Delay
Revision 110905
logo
Integrated Device Techn...
ICS1523M IDT-ICS1523M Datasheet
452Kb / 21P
Video Clock Synthesizer with I2C Programmable Delay
logo
Integrated Circuit Syst...
ICS1523MLF ICST-ICS1523MLF Datasheet
459Kb / 21P
Video Clock Synthesizer with I2C Programmable Delay
Revision 110905
More results


Similar Description - ICS1522

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS1572 ICST-ICS1572 Datasheet
276Kb / 19P
User Programmable Differential Output Graphics Clock Generator
RevC093094
ICS1574B ICST-ICS1574B Datasheet
187Kb / 12P
User Programmable Laser Engine Pixel Clock Generator
ICS2572 ICST-ICS2572 Datasheet
144Kb / 10P
User-Programmable Dual High-Performance Clock Generator
RevC090894
ICS2595 ICST-ICS2595 Datasheet
272Kb / 12P
User-Programmable Dual High-Performance Clock Generator
RevB 3/2/00
ICS1562B ICST-ICS1562B Datasheet
289Kb / 20P
User Programmable Differential Output Graphics Clock Generator
Rev B 10/07/04
logo
AMI SEMICONDUCTOR
FS7140-01 AMI-FS7140-01 Datasheet
981Kb / 15P
Programmable Phase-Locked Loop Clock Generator
logo
ON Semiconductor
FS7145-01-XTD ONSEMI-FS7145-01-XTD Datasheet
485Kb / 19P
Programmable Phase-Locked Loop Clock Generator
May 2008 ??Rev. 5
FS714X ONSEMI-FS714X Datasheet
485Kb / 19P
Programmable Phase-Locked Loop Clock Generator
May 2008 ??Rev. 5
FS7140 ONSEMI-FS7140 Datasheet
300Kb / 17P
Programmable Phase-Locked Loop Clock Generator
October, 2011 ??Rev. 7
logo
Renesas Technology Corp
ICS1562B RENESAS-ICS1562B Datasheet
295Kb / 20P
User Programmable Differential Output Graphics Clock Generator
10/07/04
More results




About Integrated Circuit Systems


Integrated Circuit Systems (ICS) was an American company that specialized in the design and manufacture of timing and frequency control products.
The company was founded in 1980 and was headquartered in Norristown, Pennsylvania.
ICS was known for its expertise in timing and frequency control technology and its ability to deliver high-quality and reliable products for various applications such as computing, telecommunications, and industrial automation.
ICS provided a wide range of products including clock generators, clock buffers, clock synthesizers, and other timing and frequency control products.
In 2010, ICS was acquired by IDT (Integrated Device Technology), a leading provider of essential mixed-signal semiconductor solutions.
The ICS brand is no longer in use, but its technology and products continue to be a part of IDT's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com