Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1522 Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # ICS1522
Description  User-Programmable Video Clock Generator/ Line-Locked Clock Regenerator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1522 Datasheet(HTML) 2 Page - Integrated Circuit Systems

  ICS1522 Datasheet HTML 1Page - Integrated Circuit Systems ICS1522 Datasheet HTML 2Page - Integrated Circuit Systems ICS1522 Datasheet HTML 3Page - Integrated Circuit Systems ICS1522 Datasheet HTML 4Page - Integrated Circuit Systems ICS1522 Datasheet HTML 5Page - Integrated Circuit Systems ICS1522 Datasheet HTML 6Page - Integrated Circuit Systems ICS1522 Datasheet HTML 7Page - Integrated Circuit Systems ICS1522 Datasheet HTML 8Page - Integrated Circuit Systems ICS1522 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2
ICS1522
Overview
The ICS1522 is ideally suited to provide the graphics
system clock signals required by high-performance video
DACs. Fully programmable feedback and reference divider
capability allow virtually any frequency to be generated,
not just simple multiples of the reference frequency. The
ICS1522 uses the latest generation of frequency synthesis
techniques developed by ICS and is completely suitable
for the most demanding video applications.
PLL
Synthesizer
Description
-
Ratiometric Mode
The ICS1522 generates its output frequencies using phase-
locked loop techniques. The phase-locked loop (or PLL) is
a closed-loop feedback system that drives the output
frequency to be ratiometrically related to the reference
frequency pro-vided to the PLL (see Block Diagram). The
reference frequency is generated by an on-chip crystal
oscillator or the reference frequency may be applied to the
ICS1522 from an external frequency source, typically
horizontal sync from another dis-play system.
The phase-frequency detector shown in the Block Diagram
drives the voltage-controlled oscillator, or VCO, to a
frequency that will cause the two inputs to the phase-
frequency detector to be matched in frequency and phase.
This occurs when:
F(VCO): = F(XTAL1) . Feedback Divider
Reference Divider
This expression is exact; that is, the accuracy of the output
frequency depends solely on the reference frequency
provided to the part (assuming correctly programmed
dividers).
The VCO gain is programmable, which permits the ICS1522
to be optimized for best performance at all operating fre-
quencies.
The feedback divider may be programmed for any modulus
from 64 to 2048 in steps of one followed by a divide by 1,
2, 4 or 8 feedback post-scaler.
The reference divider may be programmed for any modulus
from 1 to 1024 in steps of one.
Output Post-scaler
A programmable post-scaler may be inserted between the
VCO and the CLK+ and CLK- outputs of the ICS1522. This
is useful in generating of lower frequencies, as the VCO
has been optimized for high-frequency operation.
The post-scaler allows the selection of dividing the VCO
frequency by either 1, 2, 4 or 8.
Load Clock Divider
The ICS1522 has an additional programmable divider
(referred to in the Block Diagram as the load counter) that
is used to generate the LOAD clock frequency for the
video DAC. The modulus of this divider may be set to 3, 4,
5, 6, 8, or 10 under register control. The design of this
divider permits the output duty factor to be 50/50, even
when odd modulus is selected. The input frequency to this
divider is the output of the output post-scaler described
above.
Digital Inputs - ICS1522
The programming of the ICS1522 is performed serially by
using the SDATA, SCLK, and SELn pins to load the 7, 11
bit internal memory locations.
Single bit changes are accomplished by addressing the
appro-priate memory location and writing only 11 bits of
data, not by writing all 77 data bits.
For proper programming of the ICS1522, it is important
that all transitions of the SELn input occur during the same
state of the SCLK input.
SDATA is shifted into a 15 bit serial register on the rising
edge of SCLK while SELn is low. The first bit loaded is R/
Wn followed by a 3 bit address and 11 bit data (both
address & data are LSB first). When a rising edge of SCLK
occurs while SELn is high (SDATA ignored), the contents
of the serial register are loaded into the addressed 11 bit
memory location if R/Wn is low. If R/Wn is high upon the
above condition, the data from the addressed memory
location is loaded into the serial shift register and SDATA
is set as an output. The 3 bit address and 11 bit data will be
serially shifted out of the ICS1522 on the SDATA pin on
the rising edge of SCLK while SELn is low (see Timing
Diagram).
An additional control pin on the ICS1522, PDEN can be
used to disable the phase-frequency detector in line-locked
applica-tions. When disabled, the phase detector will ignore
any inputs and allow the VCO to coast. This feature is
useful in systems using composite sync.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com