Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1522 Datasheet(PDF) 10 Page - Integrated Circuit Systems

Part # ICS1522
Description  User-Programmable Video Clock Generator/ Line-Locked Clock Regenerator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1522 Datasheet(HTML) 10 Page - Integrated Circuit Systems

Back Button ICS1522 Datasheet HTML 5Page - Integrated Circuit Systems ICS1522 Datasheet HTML 6Page - Integrated Circuit Systems ICS1522 Datasheet HTML 7Page - Integrated Circuit Systems ICS1522 Datasheet HTML 8Page - Integrated Circuit Systems ICS1522 Datasheet HTML 9Page - Integrated Circuit Systems ICS1522 Datasheet HTML 10Page - Integrated Circuit Systems ICS1522 Datasheet HTML 11Page - Integrated Circuit Systems ICS1522 Datasheet HTML 12Page - Integrated Circuit Systems ICS1522 Datasheet HTML 13Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
10
ICS1522
Absolute Maximum Ratings
VDD, VDDO (measured to VSS) ................. 7.0V
Digital Inputs VSS ....................................... -0.5 to VDD to 0.5V
Digital Outputs VSS ..................................... -0.5 to VDDO to +0.5V
Storage temperature .................................... -65 to 150 ° C DC Characteristics
Junction temperature ................................... 175° C
Soldering temperature ................................. 260°C
Recommended Operating Conditions
VDD, VDDO (measured to VSS) ................ 4.75 to 5.25V
Operating Temperature (Ambient) ............ 0 to 70°C
DC Characteristics
TTL-Compatible Inputs
PDEN, EXTFBK, SDATA, SCLK, SELn, and XTAL1/EXTREF (when EXTREF bit set to 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
MAX
UNITS
Input High Voltage
V
ih
2.0
VDD+0.5
V
Input Low Voltage
V
il
VSS - 0.5
0.8
V
Input Hysteresis
.20
.60
V
Input High Current
I
ih
V
ih=VDD
-10
µA
Input Low Current
I
il
V
il=0.0
-
200
µA
Input Capacitance
C
in
-8
pF
EXTVCO Input
PARAMETER
SYMBOL
CONDITIONS
MIN
MAX
UNITS
Input High Voltage
V
x
h
3.75
V
D
D+5
V
Input Low Voltage
V
x
1
V
S
S- 0.5
1.25
V
CLK+, CLK - Outputs
PARAMETER
SYMBOL
CONDITIONS
MIN
MAX
UNITS
Differential Output Voltage
0.6
-
V
OUT1, OUT2, OUT3, OUT4 Outputs
PARAMETER
SYMBOL
CONDITIONS
MIN
MAX
UNITS
Output High Voltage
(I
OH=4.0mA)
2.4
-
V
Output Low Voltage
(I
ol=8.0mA)
-0.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com