Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1522 Datasheet(PDF) 8 Page - Integrated Circuit Systems

Part # ICS1522
Description  User-Programmable Video Clock Generator/ Line-Locked Clock Regenerator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1522 Datasheet(HTML) 8 Page - Integrated Circuit Systems

Back Button ICS1522 Datasheet HTML 4Page - Integrated Circuit Systems ICS1522 Datasheet HTML 5Page - Integrated Circuit Systems ICS1522 Datasheet HTML 6Page - Integrated Circuit Systems ICS1522 Datasheet HTML 7Page - Integrated Circuit Systems ICS1522 Datasheet HTML 8Page - Integrated Circuit Systems ICS1522 Datasheet HTML 9Page - Integrated Circuit Systems ICS1522 Datasheet HTML 10Page - Integrated Circuit Systems ICS1522 Datasheet HTML 11Page - Integrated Circuit Systems ICS1522 Datasheet HTML 12Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
8
ICS1522
REG#
BIT(S)
BIT REF.
DESCRIPTION
6
3
OMUX1
OUT1 Select (Default=0)
0=Load Counter Output 1=Diff.
Output Divided by 4 at 0 Degrees
OUT1 will track OMUX1 when AUXEN=1
6
4
OMUX2
OUT2 Select (Default=0)
0=Internal Feedback Pulse 1=Diff.
Output Divided by 4 at 90 Degrees
OUT2 will track OMUX2 when AUXEN=1\
6
5
OMUX3
OUT3 Select (Default=0)
0=Feedback Sync Pulse LO
1=Diff. Output Divided by 4 at 180
Degrees OUT3 will track OMUX3 when AUXEN=1
6
6
OMUX4
OUT4 Select (Default=1)
0=Feedback Sync Pulse HI
1=Diff. Output Divided by 4 at 270 Degrees
OUT4 will track OMUX4 when AUXEN=1
6
7
DACRST
Output Reset (Default=0)
When set to one, the CLK+ output is
kept high and the CLK-output is kept low. When returned to zero,
the CLK+ and CLK-outputs will resume toggling on a rising edge
of the OUT1 output (programmed for Load Counter) within +/- 1
clock period.
6
8
AUXEN
Output Test Mode (Default=0)
0=Normal Output Operation
1=Output Test Mode (see OMUX1-4 and AUXCLK)
6
9
AUXCLK
Output Clock when in Test Mode (Default=0)
CLK+ and CLK- will track AUXCLK when AUXEN=1
6
1 0
EXTREF
XTAL/EXTREF Input Buffer (Default=0)
0=Crystal Input Operation
1=External Reference Input Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com