Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1562B Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS1562B
Description  User Programmable Differential Output Graphics Clock Generator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1562B Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS1562B Datasheet HTML 1Page - Integrated Circuit Systems ICS1562B Datasheet HTML 2Page - Integrated Circuit Systems ICS1562B Datasheet HTML 3Page - Integrated Circuit Systems ICS1562B Datasheet HTML 4Page - Integrated Circuit Systems ICS1562B Datasheet HTML 5Page - Integrated Circuit Systems ICS1562B Datasheet HTML 6Page - Integrated Circuit Systems ICS1562B Datasheet HTML 7Page - Integrated Circuit Systems ICS1562B Datasheet HTML 8Page - Integrated Circuit Systems ICS1562B Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
16-Pin SOIC
Integrated
Circuit
Systems, Inc.
ICS1562B
Description
The ICS1562B is a very high performance monolithic phase-
locked loop (PLL) frequency synthesizer. Utilizing ICS’s ad-
vanced CMOS mixed-mode technology, the ICS1562B
provides a low cost solution for high-end video clock genera-
tion.
The ICS1562B has differential video clock outputs (CLK+ and
CLK-) that are compatible with industry standard video DAC.
Another clock output, LOAD, is provided whose frequency is
derived from the main clock by a programmable divider. An
additional clock output is available, LD/N2, which is derived
from the LOAD frequency and whose modulus may also be
programmed.
Operating frequencies are fully programmable with direct con-
trol provided for reference divider, prescaler, feedback divider
and post-scaler.
Reset of the pipeline delay on Brooktree RAMDAC
s may
be performed under register control. Outputs may also be set
to desired states to facilitate circuit board testing.
User Programmable Differential Output Graphics Clock Generator
Features
•
Two programming options:
ICS1562B-001 (Parallel Programming)
ICS1562B-201 (Serial Programming)
•
Supports high-resolution graphics - CLK output to
260 MHz, with 400 MHz options available
•
Eliminates need for multiple ECL output crystal oscillators
•
Fully programmable synthesizer capability - not just a
clock multiplier
•
Circuitry included for reset of Brooktree RAMDAC pipe-
line delay
•
VRAM shift clock generation capability
(-201 option only)
•
External feedback loop capability (-201 option only)
•
Compact - 16-pin 0.150” skinny SOIC package
•
Fully backward compatible to ICS1562
CRYSTAL
OSCILLATOR
/ R
PHASE-
FREQUENCY
DETECTOR
CHARGE
PUMP
LOOP
FILTER
VCO
PRESCALER
/ A
/ M
MUX
MUX
/ 2
/ 4
/ N1
MUX
DRIVER
DIFF.
OUTPUT
DRIVER
/ N2
PROGRAMMING
INTERFACE
CLK+
CLK
−
LOAD
LD/N2
XTAL1
XTAL2
ICS1562B - 001 Pinout
ICS1562B - 201 Pinout
Simplified Block Diagram - ICS1562B
FEEDBACK DIVIDER
EXTFBK
BLANK
(-201 only)
Figure 1
1562 B Rev B 10/07/04
RAMDAC is a trademark of Brooktree Corporation.
AD0
1
16
AD1
XTAL1
2
15
AD2
XTAL2
3
14
AD3
STROBE
4
13
VDD
VSS
5
12
VDDO
VSS
6
11
IPRG
LOAD
7
10
CLK+
LD/N2
8
9
CLK-
16-Pin SOIC
EXTFBK
1
16
DATA
XTAL1
2
15
HOLD
XTAL2
3
14
BLANK
DATCLK
4
13
VDD
VSS
5
12
VDDO
VSS
6
11
IPRG
LOAD
7
10
CLK+
LD/N2
8
9
CLK-


Similar Part No. - ICS1562B

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS1562B RENESAS-ICS1562B Datasheet
295Kb / 20P
User Programmable Differential Output Graphics Clock Generator
10/07/04
ICS1562BM-001 RENESAS-ICS1562BM-001 Datasheet
295Kb / 20P
User Programmable Differential Output Graphics Clock Generator
10/07/04
ICS1562BM-201 RENESAS-ICS1562BM-201 Datasheet
295Kb / 20P
User Programmable Differential Output Graphics Clock Generator
10/07/04
More results

Similar Description - ICS1562B

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS1522 ICST-ICS1522 Datasheet
366Kb / 13P
User-Programmable Video Clock Generator/ Line-Locked Clock Regenerator
RevF050697
ICS1567 ICST-ICS1567 Datasheet
161Kb / 11P
Differential Output Video Dot Clock Generator
RevB090894
ICS1572 ICST-ICS1572 Datasheet
276Kb / 19P
User Programmable Differential Output Graphics Clock Generator
RevC093094
ICS1574B ICST-ICS1574B Datasheet
187Kb / 12P
User Programmable Laser Engine Pixel Clock Generator
ICS2572 ICST-ICS2572 Datasheet
144Kb / 10P
User-Programmable Dual High-Performance Clock Generator
RevC090894
ICS2595 ICST-ICS2595 Datasheet
272Kb / 12P
User-Programmable Dual High-Performance Clock Generator
RevB 3/2/00
logo
Cypress Semiconductor
CY24141-3 CYPRESS-CY24141-3 Datasheet
67Kb / 6P
MediaClock Graphics Clock Generator
logo
List of Unclassifed Man...
CH9294 ETC1-CH9294 Datasheet
199Kb / 6P
DUAL GRAPHICS CLOCK GENERATOR
logo
Renesas Technology Corp
ICS1562B RENESAS-ICS1562B Datasheet
295Kb / 20P
User Programmable Differential Output Graphics Clock Generator
10/07/04
ICS1574B RENESAS-ICS1574B Datasheet
577Kb / 13P
User Programmable Laser Engine Pixel Clock Generator
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com