Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1562B Datasheet(PDF) 11 Page - Integrated Circuit Systems

Part # ICS1562B
Description  User Programmable Differential Output Graphics Clock Generator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1562B Datasheet(HTML) 11 Page - Integrated Circuit Systems

Back Button ICS1562B Datasheet HTML 7Page - Integrated Circuit Systems ICS1562B Datasheet HTML 8Page - Integrated Circuit Systems ICS1562B Datasheet HTML 9Page - Integrated Circuit Systems ICS1562B Datasheet HTML 10Page - Integrated Circuit Systems ICS1562B Datasheet HTML 11Page - Integrated Circuit Systems ICS1562B Datasheet HTML 12Page - Integrated Circuit Systems ICS1562B Datasheet HTML 13Page - Integrated Circuit Systems ICS1562B Datasheet HTML 14Page - Integrated Circuit Systems ICS1562B Datasheet HTML 15Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Register Mapping - ICS1562B-201 (Serial Programming Option)
NOTE: IT IS NOT NECESSARY TO UNDERSTAND THE FUNCTION OF THESE BITS TO USE THE ICS1562B. PC SOFTWARE IS AVAILABLE
FROM ICS TO AUTOMATICALLY GENERATE ALL REGISTER VALUES BASED ON REQUIREMENTS. CONTACT FACTORY FOR DETAILS.
BIT(S)
BIT REF.
DESCRIPTION
1-4
N1[0]..N1[3]
Sets N1 modulus according to this table. These bits are set to implement
a divide-by-four on power-up.
N1[3]
N1[2]
N1[1]
N1[0]
RATIO
0000
3
0001
4
0010
4
0011
5
0100
6
0101
8
0110
8
0111
10
1X
0
0
12
1X
0
1
16
1X
1
0
16
1X
1
1
20
5
RESERVED
Must be set to zero.
6
JAMPLL
Tristates phase detector outputs, resets phase detector logic, and resets
R, A, M, and N2 counters.
7
DACRST
Set to zero for normal operations. When set to one, the CLK+ output is
kept high and the CLK- output is kept low. (All other device functions are
unaffected.) When returned to zero, the CLK+ and CLK- outputs will
resume toggling on a rising edge of the LD output (+/
−1 CLK period).
To initiate a RAMDAC reset sequence, simply write a one to this register
bit followed by a zero.
8
SELXTAL
When set to logic 1, passes the reference frequency to the post-scaler.
9
ALTLOOP
Controls substitution of N1 and N2 dividers into feedback loop of PLL.
When this bit is a logic 1, the N1 and N2 dividers are used.
10
SCEN
VRAM shift clock enable bit. When logic 1, the BLANK pin can be used
to disable the LD/N2 output.
11
EXTFBKEN
External PLL feedback select. When logic 1, the EXTFBK pin is used for
the phase-frequency detector feedback input.
12
PDRSTEN
Phase detector reset enable control bit. When this bit is set, a high level
on the BLANK input will disable PLL locking. See "Internal Feedback
Operation" section for more details on the operation of this function.
ICS1562B
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com