Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1886M Datasheet (PDF) - Integrated Circuit Systems

ICS1886M Datasheet PDF - Integrated Circuit Systems
Part # ICS1886M
Download  ICS1886M Download
File Size   726.05 Kbytes
Page   10 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description FDDI / Fast Ethernet PHYceiverTM

ICS1886M Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS1886M Datasheet PDF - Integrated Circuit Systems

Part # ICS1886M
Download  ICS1886M Click to download

File Size   726.05 Kbytes
Page   10 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description FDDI / Fast Ethernet PHYceiverTM

ICS1886M Datasheet (HTML) - Integrated Circuit Systems


ICS1886M Product details

General Description
The ICS1886 is designed to provide high performance clock recovery and generation for either 32.064 Mb/s, 34.368 Mb/s, 125 Mb/s or 139.264 Mb/s NRZ or NRZI serial data streams. The ICS1886 is ideally suited for LAN transceiver applications in either European or Japanese communication environments.

Features
• Data and clock recovery for: 32.064 Mb/s (Japan)
    34.368 Mb/s (Europe - E3) 125 MHz (Ethernet)
    139.264 Mb/s (Europe - E4)
• Clock multiplication from either a crystal, differential or single-ended timing source
• Continuous clock in the absence of data
• No external PLL components
• Lock/Loss status indicator output
• Loopback mode for system diagnostics
• Selectable loop timing mode
• PECL drivers with settable sink current




Similar Part No. - ICS1886M

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS1887 ICST-ICS1887 Datasheet
536Kb / 14P
FDDI / Fast Ethernet PHYceiverTM
RevF112596
ICS1887M ICST-ICS1887M Datasheet
536Kb / 14P
FDDI / Fast Ethernet PHYceiverTM
RevF112596
ICS1889 ICST-ICS1889 Datasheet
1Mb / 35P
100Base-FX Integrated PHYceiverTM
RevF092497
More results


Similar Description - ICS1886M

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS1887 ICST-ICS1887 Datasheet
536Kb / 14P
FDDI / Fast Ethernet PHYceiverTM
RevF112596
logo
Micro Linear Corporatio...
ML6673 MICRO-LINEAR-ML6673 Datasheet
183Kb / 8P
Fast Ethernet/FDDI TP-PMD Transceiver
logo
List of Unclassifed Man...
TTC-1C23-300 ETC-TTC-1C23-300 Datasheet
38Kb / 2P
1 횞 9 Fiber Optic Transceiver for Fast Ethernet, FDDI, ATM/SONET/SDH
TTC-1T18 ETC-TTC-1T18 Datasheet
87Kb / 2P
1 X 9 FIBER OPTIC TRANSCEIVER FOR FAST ETHERNET, FDDI, 100 MBPS ATM
TTC-1T23 ETC-TTC-1T23 Datasheet
88Kb / 2P
1 X 9 FIBER OPTIC TRANSCEIVER FOR FAST ETHERNET, FDDI, 100 MBPS ATM
logo
Infineon Technologies A...
V23809-C8-C10 INFINEON-V23809-C8-C10 Datasheet
91Kb / 6P
Multimode 1300 nm LED Fast Ethernet/FDDI/ATM 170 MBd 1x9 Transceiver
DECEMBER 1999
logo
Agilent(Hewlett-Packard...
HFBR-5903 HP-HFBR-5903 Datasheet
291Kb / 16P
FDDI, Fast Ethernet Transceivers in 2 x 5 Package Style
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-5963LZ AVAGO-HFBR-5963LZ_12 Datasheet
166Kb / 13P
Multimode Small Form Factor Transceivers for ATM, FDDI, Fast Ethernet and SONET OC-3
AFBR-5903Z AVAGO-AFBR-5903Z Datasheet
423Kb / 16P
FDDI, Fast Ethernet Transceivers in 2 x 5 Package Style
logo
Broadcom Corporation.
AFBR-5903Z BOARDCOM-AFBR-5903Z Datasheet
423Kb / 16P
FDDI, Fast Ethernet Transceivers in 2 x 5 Package Style
More results




About Integrated Circuit Systems


Integrated Circuit Systems (ICS) was an American company that specialized in the design and manufacture of timing and frequency control products.
The company was founded in 1980 and was headquartered in Norristown, Pennsylvania.
ICS was known for its expertise in timing and frequency control technology and its ability to deliver high-quality and reliable products for various applications such as computing, telecommunications, and industrial automation.
ICS provided a wide range of products including clock generators, clock buffers, clock synthesizers, and other timing and frequency control products.
In 2010, ICS was acquired by IDT (Integrated Device Technology), a leading provider of essential mixed-signal semiconductor solutions.
The ICS brand is no longer in use, but its technology and products continue to be a part of IDT's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com