Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1887M Datasheet (PDF) - Integrated Circuit Systems

ICS1887M Datasheet PDF - Integrated Circuit Systems
Part # ICS1887M
Download  ICS1887M Download
File Size   536.49 Kbytes
Page   14 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description FDDI / Fast Ethernet PHYceiverTM

ICS1887M Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS1887M Datasheet PDF - Integrated Circuit Systems

Part # ICS1887M
Download  ICS1887M Click to download

File Size   536.49 Kbytes
Page   14 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description FDDI / Fast Ethernet PHYceiverTM

ICS1887M Datasheet (HTML) - Integrated Circuit Systems


ICS1887M Product details

General Description
The ICS1887 is designed to provide high performance clock recovery and generation for 125 MHz serial data streams. The ICS1887 is ideally suited for LAN transceiver applications in either FDDI or Fast Ethernet environments. The ICS1887 converts NRZ to/from NRZI data in addition to providing a 5-bit parallel digital data transmit and receive interface.

Features
• Single IC solution to existing designs requiring multiple devices
• Data and clock recovery for 125 MBaud FDDI or Fast Ethernet applications
• Clock multiplication from either a crystal, differential or single-ended timing source
• Continuous clock in the absence of data
• No external PLL components
• Lock/Loss status indicator output
• Loopback mode for system diagnostics
• Selectable loop timing mode
• PECL driver with settable sink current
• Parallel digital transmit and receive data interface
• NRZ to/from NRZI data conversion
• Consult ICS for optional configurations and data rates




Similar Part No. - ICS1887M

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS1886 ICST-ICS1886 Datasheet
726Kb / 10P
FDDI / Fast Ethernet PHYceiverTM
RevC120996
ICS1886M ICST-ICS1886M Datasheet
726Kb / 10P
FDDI / Fast Ethernet PHYceiverTM
RevC120996
ICS1889 ICST-ICS1889 Datasheet
1Mb / 35P
100Base-FX Integrated PHYceiverTM
RevF092497
More results


Similar Description - ICS1887M

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS1886 ICST-ICS1886 Datasheet
726Kb / 10P
FDDI / Fast Ethernet PHYceiverTM
RevC120996
logo
Micro Linear Corporatio...
ML6673 MICRO-LINEAR-ML6673 Datasheet
183Kb / 8P
Fast Ethernet/FDDI TP-PMD Transceiver
logo
List of Unclassifed Man...
TTC-1C23-300 ETC-TTC-1C23-300 Datasheet
38Kb / 2P
1 횞 9 Fiber Optic Transceiver for Fast Ethernet, FDDI, ATM/SONET/SDH
TTC-1T18 ETC-TTC-1T18 Datasheet
87Kb / 2P
1 X 9 FIBER OPTIC TRANSCEIVER FOR FAST ETHERNET, FDDI, 100 MBPS ATM
TTC-1T23 ETC-TTC-1T23 Datasheet
88Kb / 2P
1 X 9 FIBER OPTIC TRANSCEIVER FOR FAST ETHERNET, FDDI, 100 MBPS ATM
logo
Infineon Technologies A...
V23809-C8-C10 INFINEON-V23809-C8-C10 Datasheet
91Kb / 6P
Multimode 1300 nm LED Fast Ethernet/FDDI/ATM 170 MBd 1x9 Transceiver
DECEMBER 1999
logo
Agilent(Hewlett-Packard...
HFBR-5903 HP-HFBR-5903 Datasheet
291Kb / 16P
FDDI, Fast Ethernet Transceivers in 2 x 5 Package Style
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-5963LZ AVAGO-HFBR-5963LZ_12 Datasheet
166Kb / 13P
Multimode Small Form Factor Transceivers for ATM, FDDI, Fast Ethernet and SONET OC-3
AFBR-5903Z AVAGO-AFBR-5903Z Datasheet
423Kb / 16P
FDDI, Fast Ethernet Transceivers in 2 x 5 Package Style
logo
Broadcom Corporation.
AFBR-5903Z BOARDCOM-AFBR-5903Z Datasheet
423Kb / 16P
FDDI, Fast Ethernet Transceivers in 2 x 5 Package Style
More results




About Integrated Circuit Systems


Integrated Circuit Systems (ICS) was an American company that specialized in the design and manufacture of timing and frequency control products.
The company was founded in 1980 and was headquartered in Norristown, Pennsylvania.
ICS was known for its expertise in timing and frequency control technology and its ability to deliver high-quality and reliable products for various applications such as computing, telecommunications, and industrial automation.
ICS provided a wide range of products including clock generators, clock buffers, clock synthesizers, and other timing and frequency control products.
In 2010, ICS was acquired by IDT (Integrated Device Technology), a leading provider of essential mixed-signal semiconductor solutions.
The ICS brand is no longer in use, but its technology and products continue to be a part of IDT's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com