Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS2008B Datasheet (PDF) - Integrated Circuit Systems

ICS2008B Datasheet PDF - Integrated Circuit Systems
Part # ICS2008B
Download  ICS2008B Download
File Size   316.0 Kbytes
Page   21 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description SMPTE Time Code Receiver/Generator

ICS2008B Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS2008B Datasheet PDF - Integrated Circuit Systems

Part # ICS2008B
Download  ICS2008B Click to download

File Size   316.0 Kbytes
Page   21 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description SMPTE Time Code Receiver/Generator

ICS2008B Datasheet (HTML) - Integrated Circuit Systems


ICS2008B Product details

General Description
The ICS2008B, SMPTE Time Code Receiver/Generator chip, is a VLSI device designed in a low power CMOS process. This device provides the timing coordination for Multimedia sight and sound events. Although it is aimed at a PC Multimedia environment, the ICS2008B is easily integrated into products requiring SMPTE time code generation and/or reception in LTC (Longitudinal Time Code) and/or VITC (Vertical Interval Time Code) formats and MTC (MIDI Time Code) translation.

Features
• Meets SMPTE VITC Specifications
• Meets SMPTE and EBU LTC Specifications
• Time Code Burn-in Window
    – Programmable position, size and character attributes
• LTC edge rate control
    – Conforms to EBU Tr and Tf Specifications
• Internal and external sync sources
    – Genlock to video or house sync inputs
    – Improved video timing lock during VCR pause and shuttle modes
    – Internally generated timing from oscillator input
    – External click input
    – Internal Timer
        Allows 1/4 Frame MIDI Time Code Messages
• LTC and VITC Generators
    – Real Time SMPTE Rates: 30 Hz, 29.97 Hz, 25 Hz, 24 Hz
    – Time Code Modes Drop Frame and Color Frame
    – VITC can be inserted on two lines from 10-40 (SMPTE specifies lines 10-20)
    – Jam Sync, freewheeling, error bypass/correction, and plus-one-frame capability
• LTC Receiver
    – Synchronize bit rates from 1/30th nominal to 80X nominal playback speed.
• VITC Receiver
    – Reads code from any or all selected scan lines.
    – VITC search mode, will search through VBI lines until VITC is found.
• New UART frequency of 38.4 K for tape transport control




Similar Part No. - ICS2008B

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS2008B IDT-ICS2008B Datasheet
335Kb / 22P
SMPTE Time Code Receiver/Generator
logo
Renesas Technology Corp
ICS2008B RENESAS-ICS2008B Datasheet
733Kb / 23P
SMPTE Time Code Receiver/Generator
2019
ICS2008BVF RENESAS-ICS2008BVF Datasheet
733Kb / 23P
SMPTE Time Code Receiver/Generator
2019
logo
Integrated Device Techn...
ICS2008BVLF IDT-ICS2008BVLF Datasheet
335Kb / 22P
SMPTE Time Code Receiver/Generator
ICS2008BVLFT IDT-ICS2008BVLFT Datasheet
335Kb / 22P
SMPTE Time Code Receiver/Generator
More results


Similar Description - ICS2008B

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
U4224B TEMIC-U4224B Datasheet
225Kb / 17P
Time Code Receiver
logo
ATMEL Corporation
U4223B ATMEL-U4223B Datasheet
138Kb / 18P
Time-Code Receiver with A/D Converter
logo
OKI electronic componet...
ML6190A OKI-ML6190A Datasheet
109Kb / 11P
Longwave Time Code RF Receiver LSI
logo
Cypress Semiconductor
CY7B9234 CYPRESS-CY7B9234 Datasheet
370Kb / 32P
SMPTE HOTLink Transmitter/Receiver
logo
TEMIC Semiconductors
U4226B TEMIC-U4226B Datasheet
920Kb / 17P
TIME-CODE RECEIVER WITH TC OUTPUT
logo
List of Unclassifed Man...
CXD1132Q ETC1-CXD1132Q Datasheet
41Kb / 4P
C-MOS TIME CODE GENERATOR / READER
logo
OKI electronic componet...
ML6190B OKI-ML6190B Datasheet
108Kb / 11P
Longwave Time Code RF Receiver LSI
logo
Cypress Semiconductor
CY7B9234 CYPRESS-CY7B9234_07 Datasheet
777Kb / 34P
SMPTE HOTLink??Transmitter/Receiver
logo
Integrated Device Techn...
ICS2008B IDT-ICS2008B Datasheet
335Kb / 22P
SMPTE Time Code Receiver/Generator
logo
Renesas Technology Corp
ICS2008B RENESAS-ICS2008B Datasheet
733Kb / 23P
SMPTE Time Code Receiver/Generator
2019
More results




About Integrated Circuit Systems


Integrated Circuit Systems (ICS) was an American company that specialized in the design and manufacture of timing and frequency control products.
The company was founded in 1980 and was headquartered in Norristown, Pennsylvania.
ICS was known for its expertise in timing and frequency control technology and its ability to deliver high-quality and reliable products for various applications such as computing, telecommunications, and industrial automation.
ICS provided a wide range of products including clock generators, clock buffers, clock synthesizers, and other timing and frequency control products.
In 2010, ICS was acquired by IDT (Integrated Device Technology), a leading provider of essential mixed-signal semiconductor solutions.
The ICS brand is no longer in use, but its technology and products continue to be a part of IDT's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com