Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS2008B Datasheet (PDF) - Renesas Technology Corp

ICS2008B Datasheet PDF - Renesas Technology Corp
Part # ICS2008B
Download  ICS2008B Download
File Size   733.66 Kbytes
Page   23 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description SMPTE Time Code Receiver/Generator

ICS2008B Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS2008B Datasheet PDF - Renesas Technology Corp

Part # ICS2008B
Download  ICS2008B Click to download

File Size   733.66 Kbytes
Page   23 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description SMPTE Time Code Receiver/Generator

ICS2008B Datasheet (HTML) - Renesas Technology Corp


ICS2008B Product details

Features
• Meets SMPTE VITC Specifications
• Meets SMPTE and EBU LTC Specifications
• Time Code Burn-in Window
– Programmable position, size and character attributes
• LTC edge rate control
– Conforms to EBU Tr and Tf Specifications
• Internal and external sync sources
– Genlock to video or house sync inputs
– Improved video timing lock during VCR pause and
shuttle modes
– Internally generated timing from oscillator input
– External click input
– Internal Timer
Allows 1/4 Frame MIDI Time Code Messages
• LTC and VITC Generators
– Real Time SMPTE Rates:
30 Hz, 29.97 Hz, 25 Hz, 24 Hz
– Time Code Modes
Drop Frame and Color Frame
– VITC can be inserted on two lines from 10-40
(SMPTE specifies lines 10-20)
– Jam Sync, freewheeling, error bypass/correction,
and plus-one-frame capability
• LTC Receiver
– Synchronize bit rates from 1/30th nominal to 80X
nominal playback speed.
• VITC Receiver
– Reads code from any or all selected scan lines.
– VITC search mode, will search through VBI lines until
VITC is found.
• New UART frequency of 38.4 K for tape transport control




Similar Part No. - ICS2008B

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS2008B ICST-ICS2008B Datasheet
316Kb / 21P
SMPTE Time Code Receiver/Generator
Rev D 4/05/05
logo
Integrated Device Techn...
ICS2008B IDT-ICS2008B Datasheet
335Kb / 22P
SMPTE Time Code Receiver/Generator
logo
Integrated Circuit Syst...
ICS2008BEB ICST-ICS2008BEB Datasheet
316Kb / 21P
SMPTE Time Code Receiver/Generator
Rev D 4/05/05
ICS2008BEP ICST-ICS2008BEP Datasheet
316Kb / 21P
SMPTE Time Code Receiver/Generator
Rev D 4/05/05
ICS2008BV ICST-ICS2008BV Datasheet
316Kb / 21P
SMPTE Time Code Receiver/Generator
Rev D 4/05/05
More results


Similar Description - ICS2008B

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
U4224B TEMIC-U4224B Datasheet
225Kb / 17P
Time Code Receiver
logo
Integrated Circuit Syst...
ICS2008B ICST-ICS2008B Datasheet
316Kb / 21P
SMPTE Time Code Receiver/Generator
Rev D 4/05/05
logo
ATMEL Corporation
U4223B ATMEL-U4223B Datasheet
138Kb / 18P
Time-Code Receiver with A/D Converter
logo
OKI electronic componet...
ML6190A OKI-ML6190A Datasheet
109Kb / 11P
Longwave Time Code RF Receiver LSI
logo
Cypress Semiconductor
CY7B9234 CYPRESS-CY7B9234 Datasheet
370Kb / 32P
SMPTE HOTLink Transmitter/Receiver
logo
TEMIC Semiconductors
U4226B TEMIC-U4226B Datasheet
920Kb / 17P
TIME-CODE RECEIVER WITH TC OUTPUT
logo
List of Unclassifed Man...
CXD1132Q ETC1-CXD1132Q Datasheet
41Kb / 4P
C-MOS TIME CODE GENERATOR / READER
logo
OKI electronic componet...
ML6190B OKI-ML6190B Datasheet
108Kb / 11P
Longwave Time Code RF Receiver LSI
logo
Cypress Semiconductor
CY7B9234 CYPRESS-CY7B9234_07 Datasheet
777Kb / 34P
SMPTE HOTLink??Transmitter/Receiver
logo
Integrated Device Techn...
ICS2008B IDT-ICS2008B Datasheet
335Kb / 22P
SMPTE Time Code Receiver/Generator
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com