Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS2008B Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # ICS2008B
Description  SMPTE Time Code Receiver/Generator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS2008B Datasheet(HTML) 3 Page - Renesas Technology Corp

  ICS2008B Datasheet HTML 1Page - Renesas Technology Corp ICS2008B Datasheet HTML 2Page - Renesas Technology Corp ICS2008B Datasheet HTML 3Page - Renesas Technology Corp ICS2008B Datasheet HTML 4Page - Renesas Technology Corp ICS2008B Datasheet HTML 5Page - Renesas Technology Corp ICS2008B Datasheet HTML 6Page - Renesas Technology Corp ICS2008B Datasheet HTML 7Page - Renesas Technology Corp ICS2008B Datasheet HTML 8Page - Renesas Technology Corp ICS2008B Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
3
ICS2008B
ICS2008B
Pin Descriptions
TYPE:
A – Analog • P – Power • I – Input • O – Output 2008 2008B ICS2008
PIN NUMBER
PIN
NAME
TYPE
DE SC RIP T I O N
TQFP
PLCC
12, 10
18, 16
Y1, Y2
AI
Video inputs from camera or other source. NOTE: This is also the Y
(Luma) input for S-VHS and HI-8 systems.
11, 9
17, 15
C1, C2
AI
C (Chroma) inputs for S-VHS and HI-8 systems. In NTSC systems, this
pin should be tied to its respective Y input.
15
21
DTHRESH
AI
Data Threshold bypass input.
13
19
STHRESH
AI
SYNC Threshold bypass input.
14
20
CTHRESH
AI
Clamp Threshold bypass input.
8
14
Y OUT
AO
Video output. This is also the Y (Luma) output in S-Video mode.
7
13
C OUT
AO
C (Chroma) output for S-VHS and HI-8 systems.
41
3
FRAME
AI
Color Frame A/B input. This input is self biased (See Applications).
42
4
CLICK
AI
LTC SYNC input. This input is self biased (See Applications).
44
6
LTCIN+
AI
SMPTE LTC input+. This input is self biased (See Applications).
43
5
LTCIN–
AI
SMPTE LTC input–. This input is self biased (See Applications).
1
7
LTCOUT
AO
SMPTE LTC output
20
26
LRCLK
O
SMPTE LTC receive clock output.
22
28
VITCOUT
O
SMPTE VITC output to video mixer circuit.
21
27
VITCGATE
O
VITC gate indicates VITC code is being output for video overlay.
18
24
TxD
O
UART Transmit data
16
22
RxD
I
UART Receive data
17
23
CTS*
I
Clear to Send
19
25
RTS*
O
Ready to Send
4
10
XTAL1
I
14.318 MHz crystal input.
3
9
XTAL2
O
14.318 MHz crystal oscillator output.
2
8
LFC
AI
Tie to +5 VDC
24, 23
30, 29
A1-A0
I
Address bus
27
33
IOR*
I
Read Enable (active low)
30
36
IOW*
I
Write Enable (active low)
25
31
SMPTECS*
I
SMPTE port chip select (active low)
26
32
UARTCS*
I
UART chip select (active low)
40
2
RESET
I
Master reset (active high)
38–31
44–37
D7-D0
I/O
Bi-directional data bus
39
1
INTR
O
Interrupt Request (active high)
5
11
AVDD
P
Analog VDD
6
12
AVSS
P
Analog Ground
29
35
VDD
P
Digital VDD
28
34
VSS
P
Digital



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com