Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS2008B Datasheet(PDF) 20 Page - Renesas Technology Corp

Part # ICS2008B
Description  SMPTE Time Code Receiver/Generator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS2008B Datasheet(HTML) 20 Page - Renesas Technology Corp

Back Button ICS2008B Datasheet HTML 15Page - Renesas Technology Corp ICS2008B Datasheet HTML 16Page - Renesas Technology Corp ICS2008B Datasheet HTML 17Page - Renesas Technology Corp ICS2008B Datasheet HTML 18Page - Renesas Technology Corp ICS2008B Datasheet HTML 19Page - Renesas Technology Corp ICS2008B Datasheet HTML 20Page - Renesas Technology Corp ICS2008B Datasheet HTML 21Page - Renesas Technology Corp ICS2008B Datasheet HTML 22Page - Renesas Technology Corp ICS2008B Datasheet HTML 23Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 20 / 23 page
background image
ICS2008B
20
Document Revision History
Rev A (First Release)
Started with ICS2008A Rev D Source Document
General cleanup for readability.
Rev B
Correct C2 pin number in Pin Description (pg 3)
Call out tieing LFC pin high in Pin Description (pg 3)
Added Document Revision History. (pg 20)
Added Corporate Contact Information (pg 21)
Rev C
Added information to PLCC and TQFP Package Diagrams (page 18 & 19)
Edited Feature list for clairity (page 1)
Updated Ordering Information for Lead Free packages (page 20)
Rev D
Revised PLCC and TQFP Package Diagrams and dimensions (page 18 & 19)
Ordering Information
r
e
b
m
u
N
r
e
d
r
O
/
t
r
a
Pg
n
i
k
r
a
Me
g
a
k
c
a
Pe
g
a
k
c
a
P
g
n
i
p
p
i
h
S
V
B
8
0
0
2
S
C
IV
B
8
0
0
2C
C
L
P
n
i
P
4
4s
e
b
u
T
0
1
-
Y
B
8
0
0
2
S
C
I0
1
-
Y
B
8
0
0
2P
F
Q
T
n
i
P
4
4s
e
b
u
T
F
L
0
1
-
Y
B
8
0
0
2
S
C
IF
L
0
1
-
Y
B
8
0
0
2
P
F
Q
T
n
i
P
4
4
e
e
r
F
d
a
e
L
s
e
b
u
T
Rev F
Added EOL note for ordering information per PDN U-09-01.
Rev G
removed green parts per PDN U-09-01
ICS2008BVLF
2008BVLF
ICS2008BVLFT
ICS2008BVLF
44 Pin PLCC,
Lead Free
Tape and Reel
44 Pin TQFP,
Lead Free
Tape and Reel
ICS2008BY-10LFT
2008BY-10LF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com