Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS2008B Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # ICS2008B
Description  SMPTE Time Code Receiver/Generator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS2008B Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button ICS2008B Datasheet HTML 2Page - Renesas Technology Corp ICS2008B Datasheet HTML 3Page - Renesas Technology Corp ICS2008B Datasheet HTML 4Page - Renesas Technology Corp ICS2008B Datasheet HTML 5Page - Renesas Technology Corp ICS2008B Datasheet HTML 6Page - Renesas Technology Corp ICS2008B Datasheet HTML 7Page - Renesas Technology Corp ICS2008B Datasheet HTML 8Page - Renesas Technology Corp ICS2008B Datasheet HTML 9Page - Renesas Technology Corp ICS2008B Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
ICS2008B
6
The SMPTE Status Register is a read only register which
contains video and LTC status.
FRAMEIN — This bit indicates the state of the FRAME
input pin. It is used as an alternate source for B/A frame
status. This is useful when the quality of the video signal is
not good enough to extract the B/A frame status.
CLICK — This bit indicates the state of the CLICK input
pin. It can be used as a synchronization source for the LTC
transmitter.
LTCLOCK — When a valid forward or backward LTC sync
pattern is detected, this bit is set to one. It is reset to zero when
an expected LTC sync pattern is missed or an invalid LTC bit
is detected.
CODEDIR — The code direction bit works in conjunction
with the LTCLOCK bit. When the LTCLOCK bit is set to one,
the CODEDIR bit is valid. Otherwise, it is not. See the table
below.
VLOCK — This is a hardware driven bit which indicates that
genlock has been achieved with the selected video SYNC
source.
FRAME & FIELD — The hardware SYNC separator detects
the field and frame from the selected video input. The even/
odd fields are identified by a 1/0 in bit 6. Bit 7, FRAME, is valid
for PAL video after line 6. Bit 6, FIELD, is valid after line 5 in
NTSC mode or line 2 in PAL mode.
The SMPTE2 register is the register which points to the 57
indirect registers. When reading or writing an indirect register,
the value in the ADDRESS pointer, SMPTE2 bits 5 to 0, is the
address of the register accessed through SMPTE3. If the
AUTOINC bit is set to one, at the end of an access cycle to
SMPTE3, ADDRESS will automatically increment. Otherwise,
ADDRESS holds its value.
SMPTE3 is the data register through which all of the indirect
registers are accessed. The address for a given register must
first be set in SMPTE2 before accessing that register.
Indirect Registers
The following describes the functions controlled by the
indirect registers. A map of the indirect registers follows this
section, on page 11.
LTC Read Registers IR0-IR7 (read-only)
These read only registers contain the LTC data as received.
Both forward and backward frames are stored with LTC bit 0
in the LSB of IR0 and LTC bit 63 in the MSB of IR7.
LTC Write Registers IR8-IRF
These registers contain the data to be sent by the LTC trans-
mitter. The LSB of IR8 is sent as LTC bit 0, and the MSB of
IRF is sent as LTC bit 63. The data is transmitted as it is stored
in IR8-IRF.
LTCLOCK CODEDIR
LTC RECEIVER STATUS
0
X
Looking for SYNC pattern
1
0
Receiving LTC (FORWARD)
1
1
Receiving LTC (BACKWARD)
SMPTE Status Register
FRAMEIN (input = 1-high, 0-low)
CLICK (input = 1-high, 0-low)
LTCLOCK (1-locked, 0-not locked)
CODEDIR (1-bkwd, 0-fwd)
Reserved
VLOCK (1-locked, 0-not locked)
FIELD
FRAME (PAL only)
7
6
5
4
3
2
1
0
SMPTE1
Indirect Address Register
ADDRESS
Reserved
AUTOINC (1-increment, 0-hold)
SMPTE2
7
6
5
4
3
2
1
0
Indirect Address Register
SMPTE3
7
6
5
4
3
2
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com