Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS2008B Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # ICS2008B
Description  SMPTE Time Code Receiver/Generator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS2008B Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button ICS2008B Datasheet HTML 9Page - Renesas Technology Corp ICS2008B Datasheet HTML 10Page - Renesas Technology Corp ICS2008B Datasheet HTML 11Page - Renesas Technology Corp ICS2008B Datasheet HTML 12Page - Renesas Technology Corp ICS2008B Datasheet HTML 13Page - Renesas Technology Corp ICS2008B Datasheet HTML 14Page - Renesas Technology Corp ICS2008B Datasheet HTML 15Page - Renesas Technology Corp ICS2008B Datasheet HTML 16Page - Renesas Technology Corp ICS2008B Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
13
ICS2008B
ICS2008B
Absolute Maximum Ratings
Operating Temperature . . . . . . . . . . . . . . . . . . 0°C to +70°C
Storage Temperature . . . . . . . . . . . . . . . . . . . . – 65°C to +150° C
Voltage on any pin to GND . . . . . . . . . . . . . . – 0.5V to VDD + 0.5V
Voltage on VDD to GND . . . . . . . . . . . . . . . . . – 0.5V to +7.0V
Power Dissipation . . . . . . . . . . . . . . . . . . . . . . 1.0 watt
Stresses above those listed under Absolute Maximum Ratings above may cause permanent damage to the device. This is a stress
rating only. Operating the device at these levels is not recommended, and specifications are not implied.
TA = 0°C to +70°C; VDD = 5V ±10%; GND = 0V
DC Electrical Characteristic
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
Digital Inputs
Input Low Voltage
Input High Voltage
Input Leakage Current
Input Capacitance
VIL
VIH
IIL
CIN
–0.5
2.0
0.8
VDD+0.5
10
7
V
V
A
pF
Digital Outputs
Output Low Voltage (IOL = 4.0mA)
Output High Voltage (IOH = 0.4mA)
Tri-State Current
Output Capacitance
Bi-Directional Capacitance
VOL
VOH
IOZ
2.4
0.4
10
10
10
V
V
A
pF
pF
Analog Inputs
Video Input Voltage (Y1, Y2, C1, C2)
LTC Differential Input Voltage
LTCIN+, LTCIN–, CLICK, FRAME input voltage
CLICK and FRAME bias voltage
0.1
–0.3
1.0
VDD/3
VDD+0.3
Vp-p
Vp-p
V
V
Analog Outputs
Video Output Voltage (YOUT, COUT)
LTC Output Voltage (Volume set at max.; Iout=35mA)
LTC Output Voltage Amplitude Control Step
LTC Output Voltage Amplitude Range
1.0
2.0
3
33
Vp-p
Vp-p
dB
dB
Analog VDD Supply Current
Digital VDD Supply Current
IDD1
IDD2
50
5
mA
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com