Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS514M Datasheet (PDF) - Integrated Circuit Systems

ICS514M Datasheet PDF - Integrated Circuit Systems
Part # ICS514M
Download  ICS514M Download
File Size   42.34 Kbytes
Page   4 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description LOCO??PLL Clock Generator

ICS514M Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS514M Datasheet PDF - Integrated Circuit Systems

Part # ICS514M
Download  ICS514M Click to download

File Size   42.34 Kbytes
Page   4 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description LOCO??PLL Clock Generator

ICS514M Datasheet (HTML) - Integrated Circuit Systems


ICS514M Product details

Description
The ICS514 LOCO™ is the most cost effective  way to generate a high quality, high frequency  clock output from a 14.31818 MHz crystal or  clock input. The name LOCO stands for LOw  Cost Oscillator, as it is designed to replace crystal  oscillators in many electronic systems. Using  Phase-Locked-Loop (PLL) techniques, the device  uses a standard, inexpensive crystal to produce  output clocks up to 66.66 MHz.

Features
• Packaged as 8 pin SOIC
• ICS’ lowest cost PLL clock plus reference
• Produces common computer frequencies
• Input crystal frequency typically 14.3182 MHz
• Output clock frequencies up to 66.66 MHz
• Low jitter - 40 ps one sigma
• Compatible with all popular CPUs
• Duty cycle of 45/55
• Custom frequencies available
• Operating voltages of 3.0 to 5.5 V
• Power down mode turns off chip
• 25mA drive capability at TTL levels
• Advanced, low power CMOS process




Similar Part No. - ICS514M

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS514 IDT-ICS514 Datasheet
192Kb / 7P
PLL CLOCK GENERATOR
More results


Similar Description - ICS514M

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS513 ICST-ICS513 Datasheet
61Kb / 4P
LOCO??PLL Clock Generator
Revision 080699
ICS501B ICST-ICS501B Datasheet
113Kb / 6P
LOCO PLL CLOCK MULTIPLIER
Revision 120704
logo
Integrated Device Techn...
ICS501B IDT-ICS501B Datasheet
169Kb / 7P
LOCO??PLL CLOCK MULTIPLIER
ICS501B IDT-ICS501B_10 Datasheet
180Kb / 7P
LOCO??PLL CLOCK MULTIPLIER
501MILF IDT-501MILF Datasheet
101Kb / 9P
LOCO??PLL CLOCK MULTIPLIER
502MLF IDT-502MLF Datasheet
182Kb / 7P
LOCO??PLL CLOCK MULTIPLIER
511MLF IDT-511MLF Datasheet
228Kb / 11P
LOCO??PLL CLOCK MULTIPLIER
512MILFT IDT-512MILFT Datasheet
186Kb / 7P
LOCO??PLL CLOCK MULTIPLIER
501MLF IDT-501MLF Datasheet
101Kb / 9P
LOCO??PLL CLOCK MULTIPLIER
ICS501MILFT IDT-ICS501MILFT Datasheet
101Kb / 9P
LOCO PLL CLOCK MULTIPLIER
More results




About Integrated Circuit Systems


Integrated Circuit Systems (ICS) was an American company that specialized in the design and manufacture of timing and frequency control products.
The company was founded in 1980 and was headquartered in Norristown, Pennsylvania.
ICS was known for its expertise in timing and frequency control technology and its ability to deliver high-quality and reliable products for various applications such as computing, telecommunications, and industrial automation.
ICS provided a wide range of products including clock generators, clock buffers, clock synthesizers, and other timing and frequency control products.
In 2010, ICS was acquired by IDT (Integrated Device Technology), a leading provider of essential mixed-signal semiconductor solutions.
The ICS brand is no longer in use, but its technology and products continue to be a part of IDT's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com