Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS514M Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS514M
Description  LOCO??PLL Clock Generator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS514M Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS514M Datasheet HTML 1Page - Integrated Circuit Systems ICS514M Datasheet HTML 2Page - Integrated Circuit Systems ICS514M Datasheet HTML 3Page - Integrated Circuit Systems ICS514M Datasheet HTML 4Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
ICS514
LOCO™ PLL Clock Generator
MDS 514 B
1
Revision 080699
Printed 11/13/00
Integrated Circuit Systems • 525 Race Street • San Jose•CA • 95126 • (408)295-9800tel• (408)295-9818fax
• Packaged as 8 pin SOIC
• ICS’ lowest cost PLL clock plus reference
• Produces common computer frequencies
• Input crystal frequency typically 14.3182 MHz
• Output clock frequencies up to 66.66 MHz
• Low jitter - 40 ps one sigma
• Compatible with all popular CPUs
• Duty cycle of 45/55
• Custom frequencies available
• Operating voltages of 3.0 to 5.5 V
• Power down mode turns off chip
• 25mA drive capability at TTL levels
• Advanced, low power CMOS process
The ICS514 LOCO™ is the most cost effective
way to generate a high quality, high frequency
clock output from a 14.31818 MHz crystal or
clock input. The name LOCO stands for LOw
Cost Oscillator, as it is designed to replace crystal
oscillators in many electronic systems. Using
Phase-Locked-Loop (PLL) techniques, the device
uses a standard, inexpensive crystal to produce
output clocks up to 66.66 MHz.
Stored in the chip’s ROM is the ability to generate
5 different output frequencies, allowing one chip
to work in different speed processor systems.
The device also has a power down mode that turns
off the clock outputs when both select pins are low.
In this mode, the internal PLL is not running.
Block Diagram
Description
Features
CLK
REF
Crystal
Oscillator
VDD GND
PLL
Clock
Synthesis
and Control
Circuitry
Output
Buffer
14.31818 MHz
crystal or clock
X2
X1/ICLK
Output
Buffer
S1, S0
2
Optional crystal capacitors


Similar Part No. - ICS514M

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS514 IDT-ICS514 Datasheet
192Kb / 7P
PLL CLOCK GENERATOR
More results

Similar Description - ICS514M

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS513 ICST-ICS513 Datasheet
61Kb / 4P
LOCO??PLL Clock Generator
Revision 080699
ICS501B ICST-ICS501B Datasheet
113Kb / 6P
LOCO PLL CLOCK MULTIPLIER
Revision 120704
logo
Integrated Device Techn...
ICS501B IDT-ICS501B Datasheet
169Kb / 7P
LOCO??PLL CLOCK MULTIPLIER
ICS501B IDT-ICS501B_10 Datasheet
180Kb / 7P
LOCO??PLL CLOCK MULTIPLIER
501MILF IDT-501MILF Datasheet
101Kb / 9P
LOCO??PLL CLOCK MULTIPLIER
502MLF IDT-502MLF Datasheet
182Kb / 7P
LOCO??PLL CLOCK MULTIPLIER
511MLF IDT-511MLF Datasheet
228Kb / 11P
LOCO??PLL CLOCK MULTIPLIER
512MILFT IDT-512MILFT Datasheet
186Kb / 7P
LOCO??PLL CLOCK MULTIPLIER
501MLF IDT-501MLF Datasheet
101Kb / 9P
LOCO??PLL CLOCK MULTIPLIER
ICS501MILFT IDT-ICS501MILFT Datasheet
101Kb / 9P
LOCO PLL CLOCK MULTIPLIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com