Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS604M Datasheet (PDF) - Integrated Circuit Systems

ICS604M Datasheet PDF - Integrated Circuit Systems
Part # ICS604M
Download  ICS604M Download
File Size   60.14 Kbytes
Page   4 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description Intel Graphics Clock Source

ICS604M Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS604M Datasheet PDF - Integrated Circuit Systems

Part # ICS604M
Download  ICS604M Click to download

File Size   60.14 Kbytes
Page   4 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description Intel Graphics Clock Source

ICS604M Datasheet (HTML) - Integrated Circuit Systems


ICS604M Product details

Description
The ICS604 is the most cost effective way to generate high quality, high frequency clocks for Intel’s latest generation of graphics controllers. It provides 48 MHz for the graphics controller, a 24.576 MHz clock for video or audio, as well as a 14.31818 MHz buffered output for the system clock. Using patented Phase-Locked-Loop (PLL) techniques, the ICS604 requires only a standard fundamental mode, inexpensive crystal.

Features
• Packaged as 8 pin SOIC or die
• Compatible with Intel graphics controllers
• Zero ppm synthesis error on 48 MHz output
• Input frequency of 14.31818 MHz
• Output clock frequencies of 48 MHz, 24.576 MHz, plus 14.31818 MHz Reference output
• Low jitter
• Operating voltages of 3.0 to 5.5 V
• Full CMOS-level outputs with 25 mA drive capability at TTL levels
• Advanced, low power CMOS process




Similar Part No. - ICS604M

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS601 ICST-ICS601 Datasheet
7Kb / 1P
ICS601 Demo Board Schematic
Revision 022803
ICS601-01 ICST-ICS601-01 Datasheet
88Kb / 5P
Low Phase Noise Clock Multiplier
Revision 090800
logo
Integrated Device Techn...
ICS601-01 IDT-ICS601-01 Datasheet
230Kb / 9P
LOW PHASE NOISE CLOCK MULTIPLIER
logo
Renesas Technology Corp
ICS601-01 RENESAS-ICS601-01 Datasheet
415Kb / 10P
LOW PHASE NOISE CLOCK MULTIPLIER
051310
logo
Integrated Circuit Syst...
ICS601-02 ICST-ICS601-02 Datasheet
80Kb / 5P
Low Phase Noise Clock Multiplier
More results


Similar Description - ICS604M

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS614-01 ICST-ICS614-01 Datasheet
65Kb / 4P
16 pin Intel Graphics Clock Source
Revision 020199
MK3732-08 ICST-MK3732-08 Datasheet
60Kb / 4P
ADSL Clock Source
Revision 091201
MK2705 ICST-MK2705 Datasheet
121Kb / 6P
Audio Clock Source
Revision 102103
logo
Cypress Semiconductor
CY24141-3 CYPRESS-CY24141-3 Datasheet
67Kb / 6P
MediaClock Graphics Clock Generator
logo
Integrated Circuit Syst...
ICS650-07B ICST-ICS650-07B Datasheet
44Kb / 4P
Broadcom Clock Source
Revision 042600
ICS651-03 ICST-ICS651-03 Datasheet
157Kb / 7P
VOIP Clock Source
Revision 112603
logo
List of Unclassifed Man...
CH9294 ETC1-CH9294 Datasheet
199Kb / 6P
DUAL GRAPHICS CLOCK GENERATOR
logo
Integrated Device Techn...
ICS650-07C IDT-ICS650-07C Datasheet
215Kb / 9P
NETWORKING CLOCK SOURCE
logo
Renesas Technology Corp
MK1492-03 RENESAS-MK1492-03 Datasheet
222Kb / 8P
Intel™ Mobile/SDRAM Clock Source
2019
MK2705 RENESAS-MK2705 Datasheet
331Kb / 8P
AUDIO CLOCK SOURCE
051310
More results




About Integrated Circuit Systems


Integrated Circuit Systems (ICS) was an American company that specialized in the design and manufacture of timing and frequency control products.
The company was founded in 1980 and was headquartered in Norristown, Pennsylvania.
ICS was known for its expertise in timing and frequency control technology and its ability to deliver high-quality and reliable products for various applications such as computing, telecommunications, and industrial automation.
ICS provided a wide range of products including clock generators, clock buffers, clock synthesizers, and other timing and frequency control products.
In 2010, ICS was acquired by IDT (Integrated Device Technology), a leading provider of essential mixed-signal semiconductor solutions.
The ICS brand is no longer in use, but its technology and products continue to be a part of IDT's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com