Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS604M Datasheet(PDF) 3 Page - Integrated Circuit Systems

Part # ICS604M
Description  Intel Graphics Clock Source
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS604M Datasheet(HTML) 3 Page - Integrated Circuit Systems

  ICS604M Datasheet HTML 1Page - Integrated Circuit Systems ICS604M Datasheet HTML 2Page - Integrated Circuit Systems ICS604M Datasheet HTML 3Page - Integrated Circuit Systems ICS604M Datasheet HTML 4Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
ICS604
Intel Graphics Clock Source
MDS 604 A
3
Revision 022499
Printed 11/14/00
Integrated Circuit Systems • 525 Race Street • San Jose • CA • 95126 •(408)295-9800tel•(408)295-9818fax
PRELIMINARY
PRELIMINARY INFORMATION
INFORMATION
Parameter
Conditions
Minimum
Typical
Maximum
Units
ABSOLUTE MAXIMUM RATINGS (note 1)
ABSOLUTE MAXIMUM RATINGS (note 1)
Supply Voltage, VDDC or VDDIO
Referenced to GND
7
V
Inputs
Referenced to GND
-0.5
VDDC+0.5
V
Clock Outputs
Referenced to GND
-0.5
VDDC+0.5
V
Ambient Operating Temperature
0
70
C
Soldering Temperature
Max of 10 seconds
260
C
Storage temperature
-65
150
C
DC CHARACTERISTICS (VDDC = 5 V unless otherwise noted)
DC CHARACTERISTICS (VDDC = 5 V unless otherwise noted)
Operating Voltage, VDDC
3
5.5
V
Operating Voltage, VDDIO
3
VDDC
V
Input High Voltage, VIH. Clock input
ICLK (Pin 1)
(VDDIO/2)+1 VDDIO/2
V
Input Low Voltage, VIL. Clock input
ICLK (Pin 1)
VDDIO/2
(VDDIO/2)-1
V
Output High Voltage, VOH
IOH=-8 mA
VDDIO-0.4
V
Output High Voltage, VOH
IOH=-25 mA
2.4
V
Output Low Voltage, VOL
IOL=25 mA
0.4
V
IDD Operating Supply Current
No load
18
mA
Short Circuit Current
Output clocks
100
mA
AC CHARACTERISTICS (VDDC = 5 V unless otherwise noted)
AC CHARACTERISTICS (VDDC = 5 V unless otherwise noted)
Input Frequency, crystal input
14.31818
MHz
Input Frequency, clock input
14.31818
MHz
Actual mean frequency error vs target
48.0 MHz
0
ppm
24.576 MHz
32
ppm
Output Clock Rise Time
0.8 to 2.0V
1
ns
Output Clock Fall Time
2.0 to 0.8V
1
ns
Output Clock Duty Cycle
at VDDIO/2
40
60
%
Absolute Clock Period Jitter, deviation
48.0 MHz
±250
ps
from mean. VDDC = 5 V, VDDIO = 3.3 V
24.576 MHz
±125
ps
Absolute Clock Period Jitter, deviation
48.0 MHz
±350
ps
from mean. VDDC = 3.3 V, VDDIO = 3.3 V 24.576 MHz
±160
ps
One Sigma Clock Period Jitter,
48.0 MHz
90
ps
VDDC = 5 V, VDDIO = 3.3 V
24.576 MHz
40
ps
One Sigma Clock Period Jitter,
48.0 MHz
110
ps
VDDC = 3.3 V, VDDIO = 3.3 V
24.576 MHz
50
ps
Electrical Specifications
Notes:
1. Stresses beyond those listed under Absolute Maximum Ratings could cause permanent damage to the device. Prolonged exposure
to levels above the operating limits but below the Absolute Maximums may affect device reliability.
2. Typical values are at 25 C.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com