Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS650-01 Datasheet (PDF) - Integrated Circuit Systems

ICS650-01 Datasheet PDF - Integrated Circuit Systems
Part # ICS650-01
Download  ICS650-01 Download
File Size   42.07 Kbytes
Page   4 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description System Peripheral Clock Source

ICS650-01 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS650-01 Datasheet PDF - Integrated Circuit Systems

Part # ICS650-01
Download  ICS650-01 Click to download

File Size   42.07 Kbytes
Page   4 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description System Peripheral Clock Source

ICS650-01 Datasheet (HTML) - Integrated Circuit Systems


ICS650-01 Product details

Description
The ICS650-01 is a low cost, low jitter, high  performance clock synthesizer for system  peripheral applications. Using analog/digital  Phase-Locked Loop (PLL) techniques, the device  accepts a parallel resonant 14.31818 MHz crystal  input to produce up to eight output clocks. 

Features
• Packaged in 20 pin tiny SSOP (QSOP)
• Operating VDD of 3.3V or 5V
• Less than one ppm synthesis error in all clocks
• Inexpensive 14.31818 MHz crystal or clock input
• Provides Ethernet and Fast Ethernet clocks
• Provides SCSI clocks
• Provides PCI clocks
• Selectable AC97 audio clock
• Selectable USB clock
• OE pin tri-states the outputs for testing
• Selectable frequencies on three clocks
• Duty cycle of 40/60
• Advanced, low power CMOS process




Similar Part No. - ICS650-01

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS650-01 RENESAS-ICS650-01 Datasheet
382Kb / 9P
SYSTEM PERIPHERAL CLOCK SOURCE
051310
logo
Integrated Circuit Syst...
ICS650-01B ICST-ICS650-01B Datasheet
44Kb / 4P
System Peripheral Clock Source
Revision 041499
More results


Similar Description - ICS650-01

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DP8570A NSC-DP8570A Datasheet
381Kb / 26P
Timer Clock Peripheral (TCP)
DP8571A NSC-DP8571A Datasheet
361Kb / 24P
Timer Clock Peripheral (TCP)
logo
Integrated Circuit Syst...
ICS650-21 ICST-ICS650-21 Datasheet
63Kb / 4P
System Peripheral Clock Source
Revision 010301
ICS409 ICST-ICS409 Datasheet
137Kb / 5P
PC PERIPHERAL CLOCK
Revision 111005
ICS411 ICST-ICS411 Datasheet
137Kb / 5P
PC PERIPHERAL CLOCK
Revision 062005
ICS650-01B ICST-ICS650-01B Datasheet
44Kb / 4P
System Peripheral Clock Source
Revision 041499
logo
Texas Instruments
DP8570A TI1-DP8570A_11 Datasheet
423Kb / 28P
DP8570A Timer Clock Peripheral
logo
Integrated Device Techn...
ICS650-21 IDT-ICS650-21 Datasheet
202Kb / 8P
SYSTEM PERIPHERAL CLOCK SOURCE
logo
Renesas Technology Corp
ICS650-01 RENESAS-ICS650-01 Datasheet
382Kb / 9P
SYSTEM PERIPHERAL CLOCK SOURCE
051310
ICS650-21 RENESAS-ICS650-21 Datasheet
357Kb / 9P
SYSTEM PERIPHERAL CLOCK SOURCE
REV J 051310
More results




About Integrated Circuit Systems


Integrated Circuit Systems (ICS) was an American company that specialized in the design and manufacture of timing and frequency control products.
The company was founded in 1980 and was headquartered in Norristown, Pennsylvania.
ICS was known for its expertise in timing and frequency control technology and its ability to deliver high-quality and reliable products for various applications such as computing, telecommunications, and industrial automation.
ICS provided a wide range of products including clock generators, clock buffers, clock synthesizers, and other timing and frequency control products.
In 2010, ICS was acquired by IDT (Integrated Device Technology), a leading provider of essential mixed-signal semiconductor solutions.
The ICS brand is no longer in use, but its technology and products continue to be a part of IDT's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com