Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS650-21 Datasheet (PDF) - Integrated Circuit Systems

ICS650-21 Datasheet PDF - Integrated Circuit Systems
Part # ICS650-21
Download  ICS650-21 Download
File Size   63.12 Kbytes
Page   4 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description System Peripheral Clock Source

ICS650-21 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS650-21 Datasheet PDF - Integrated Circuit Systems

Part # ICS650-21
Download  ICS650-21 Click to download

File Size   63.12 Kbytes
Page   4 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description System Peripheral Clock Source

ICS650-21 Datasheet (HTML) - Integrated Circuit Systems


ICS650-21 Product details

Description
The ICS650-21 is a low cost, low jitter, high performance clock synthesizer for system peripheral applications. Using analog/digital Phase-Locked Loop (PLL) techniques, the device accepts a parallel resonant 25 MHz crystal input to produce up to eight output clocks. The device provides clocks for PCI, SCSI, Fast Ethernet, Ethernet, USB, and AC97. The user can select one of three USB frequencies, and also one of two AC97 audio frequencies. The OE pin puts all outputs into a high impedance state for board level testing. All frequencies are generated with less than one ppm error, meeting the demands of SCSI and Ethernet clocking.
The ICS650 can be mask customized to produce any frequencies from 1 to 150 MHz.

Features
• Packaged in 20 pin tiny SSOP (QSOP)
• Lower jitter version of ICS650-01
• Operating VDD of 3.3V or 5V
• Zero ppm synthesis error in all clocks
• Inexpensive 25 MHz crystal or clock input
• Provides Ethernet and Fast Ethernet clocks
• Provides SCSI clocks
• Provides PCI clocks
• Selectable AC97 audio clock
• Selectable USB clock
• OE pin tri-states the outputs for testing
• Selectable frequencies on three clocks
• Duty cycle of 45/55 for Processor clock and Audio clock
• Advanced, low power CMOS process




Similar Part No. - ICS650-21

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS650-21 IDT-ICS650-21 Datasheet
202Kb / 8P
SYSTEM PERIPHERAL CLOCK SOURCE
logo
Renesas Technology Corp
ICS650-21 RENESAS-ICS650-21 Datasheet
357Kb / 9P
SYSTEM PERIPHERAL CLOCK SOURCE
REV J 051310
More results


Similar Description - ICS650-21

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DP8570A NSC-DP8570A Datasheet
381Kb / 26P
Timer Clock Peripheral (TCP)
DP8571A NSC-DP8571A Datasheet
361Kb / 24P
Timer Clock Peripheral (TCP)
logo
Integrated Circuit Syst...
ICS650-01 ICST-ICS650-01 Datasheet
42Kb / 4P
System Peripheral Clock Source
Revision 092799
ICS409 ICST-ICS409 Datasheet
137Kb / 5P
PC PERIPHERAL CLOCK
Revision 111005
ICS411 ICST-ICS411 Datasheet
137Kb / 5P
PC PERIPHERAL CLOCK
Revision 062005
ICS650-01B ICST-ICS650-01B Datasheet
44Kb / 4P
System Peripheral Clock Source
Revision 041499
logo
Texas Instruments
DP8570A TI1-DP8570A_11 Datasheet
423Kb / 28P
DP8570A Timer Clock Peripheral
logo
Integrated Device Techn...
ICS650-21 IDT-ICS650-21 Datasheet
202Kb / 8P
SYSTEM PERIPHERAL CLOCK SOURCE
logo
Renesas Technology Corp
ICS650-01 RENESAS-ICS650-01 Datasheet
382Kb / 9P
SYSTEM PERIPHERAL CLOCK SOURCE
051310
ICS650-21 RENESAS-ICS650-21 Datasheet
357Kb / 9P
SYSTEM PERIPHERAL CLOCK SOURCE
REV J 051310
More results




About Integrated Circuit Systems


Integrated Circuit Systems (ICS) was an American company that specialized in the design and manufacture of timing and frequency control products.
The company was founded in 1980 and was headquartered in Norristown, Pennsylvania.
ICS was known for its expertise in timing and frequency control technology and its ability to deliver high-quality and reliable products for various applications such as computing, telecommunications, and industrial automation.
ICS provided a wide range of products including clock generators, clock buffers, clock synthesizers, and other timing and frequency control products.
In 2010, ICS was acquired by IDT (Integrated Device Technology), a leading provider of essential mixed-signal semiconductor solutions.
The ICS brand is no longer in use, but its technology and products continue to be a part of IDT's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com