Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS650-21 Datasheet(PDF) 4 Page - Integrated Circuit Systems

Part # ICS650-21
Description  System Peripheral Clock Source
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS650-21 Datasheet(HTML) 4 Page - Integrated Circuit Systems

  ICS650-21 Datasheet HTML 1Page - Integrated Circuit Systems ICS650-21 Datasheet HTML 2Page - Integrated Circuit Systems ICS650-21 Datasheet HTML 3Page - Integrated Circuit Systems ICS650-21 Datasheet HTML 4Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
ICS650-21
System Peripheral Clock Source
MDS 650-21 A
4
Revision 010301
Integrated Circuit Systems, Inc. • 525 Race Street • San Jose •CA•95126• (408) 295-9800tel • www.icst.com
PRELIMINARY INFORMATION
Ordering Information
Part/Order Number
Marking
Package
Shipping
Temperature
ICS650R-21
ICS650R-21
20 pin SSOP
Tubes
0 to 70° C
ICS650R-21T
ICS650R-21
20 pin SSOP
Tape and Reel
0 to 70° C
ICS650R-21I
ICS650R-21I
20 pin SSOP
Tubes
-40 to 85° C
ICS650R-21IT
ICS650R-21I
20 pin SSOP
Tape and Reel
-40 to 85° C
While the information presented herein has been checked for both accuracy and reliability, Integrated Circuit Systems, Incorporated (ICS) assumes no responsibility for either its
use or for the infringement of any patents or other rights of third parties, which would result from its use. No other circuits, patents, or licenses are implied. This product is
intended for use in normal commercial applications. Any other applications such as those requiring extended temperature range, high reliability, or other extraordinary
environmental requirements are not recommended without additional processing by ICS. ICS reserves the right to change any circuitry or specifications without notice. ICS does
not authorize or warrant any ICS product for use in life support devices or critical medical instruments.
b
D
E1
E
e
A1
c
A
L
INDEX
AREA
1
2
Package Outline and Package Dimensions
(For current dimensional specifications, see JEDEC Publication No. 95.)
20 pin SSOP
Inches
Inches
Millimeters
Millimeters
Symbol
Min
Max
Min
Max
A
0.053
0.069
1.35
1.75
A1
0.004
0.010
0.10
0.25
b
0.008
0.012
0.20
0.30
c
0.007
0.010
0.18
0.25
D
0.337
0.344
8.55
8.75
e
.025 BSC
.025 BSC
0.635 BSC
0.635 BSC
E
0.228
0.244
5.80
6.20
E1
0.150
0.157
3.80
4.00
L
0.016
0.050
0.40
1.27



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com