Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS650-21 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS650-21
Description  System Peripheral Clock Source
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS650-21 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS650-21 Datasheet HTML 1Page - Integrated Circuit Systems ICS650-21 Datasheet HTML 2Page - Integrated Circuit Systems ICS650-21 Datasheet HTML 3Page - Integrated Circuit Systems ICS650-21 Datasheet HTML 4Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
ICS650-21
System Peripheral Clock Source
MDS 650-21 A
1
Revision 010301
Integrated Circuit Systems, Inc. • 525 Race Street • San Jose •CA•95126• (408) 295-9800tel • www.icst.com
PRELIMINARY INFORMATION
The ICS650-21 is a low cost, low jitter, high
performance clock synthesizer for system
peripheral applications. Using analog/digital
Phase-Locked Loop (PLL) techniques, the device
accepts a parallel resonant 25 MHz crystal input to
produce up to eight output clocks. The device
provides clocks for PCI, SCSI, Fast Ethernet,
Ethernet, USB, and AC97. The user can select one
of three USB frequencies, and also one of two
AC97 audio frequencies. The OE pin puts all
outputs into a high impedance state for board level
testing. All frequencies are generated with less than
one ppm error, meeting the demands of SCSI and
Ethernet clocking.
The ICS650 can be mask customized to produce
any frequencies from 1 to 150 MHz.
Block Diagram
Description
Features
• Packaged in 20 pin tiny SSOP (QSOP)
• Lower jitter version of ICS650-01
• Operating VDD of 3.3V or 5V
• Zero ppm synthesis error in all clocks
• Inexpensive 25 MHz crystal or clock input
• Provides Ethernet and Fast Ethernet clocks
• Provides SCSI clocks
• Provides PCI clocks
• Selectable AC97 audio clock
• Selectable USB clock
• OE pin tri-states the outputs for testing
• Selectable frequencies on three clocks
• Duty cycle of 45/55 for Processor clock and Audio
clock
• Advanced, low power CMOS process
Crystal
Oscillator
Clock
Synthesis
Circuitry
Output
Buffer
USB Clock
Output
Buffers
Audio Clock
Processor Clocks
(Fast Ethernet,
SCSI, PCI )
Output
Buffer
2
PSEL1:0
25 MHz
crystal
or clock
X1/ICLK
X2
25 MHz
Output
Buffer
3
ASEL
USEL
20 MHz
Output
Buffers
Output Enable (all outputs)


Similar Part No. - ICS650-21

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS650-21 IDT-ICS650-21 Datasheet
202Kb / 8P
SYSTEM PERIPHERAL CLOCK SOURCE
logo
Renesas Technology Corp
ICS650-21 RENESAS-ICS650-21 Datasheet
357Kb / 9P
SYSTEM PERIPHERAL CLOCK SOURCE
REV J 051310
More results

Similar Description - ICS650-21

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DP8570A NSC-DP8570A Datasheet
381Kb / 26P
Timer Clock Peripheral (TCP)
DP8571A NSC-DP8571A Datasheet
361Kb / 24P
Timer Clock Peripheral (TCP)
logo
Integrated Circuit Syst...
ICS650-01 ICST-ICS650-01 Datasheet
42Kb / 4P
System Peripheral Clock Source
Revision 092799
ICS409 ICST-ICS409 Datasheet
137Kb / 5P
PC PERIPHERAL CLOCK
Revision 111005
ICS411 ICST-ICS411 Datasheet
137Kb / 5P
PC PERIPHERAL CLOCK
Revision 062005
ICS650-01B ICST-ICS650-01B Datasheet
44Kb / 4P
System Peripheral Clock Source
Revision 041499
logo
Texas Instruments
DP8570A TI1-DP8570A_11 Datasheet
423Kb / 28P
DP8570A Timer Clock Peripheral
logo
Integrated Device Techn...
ICS650-21 IDT-ICS650-21 Datasheet
202Kb / 8P
SYSTEM PERIPHERAL CLOCK SOURCE
logo
Renesas Technology Corp
ICS650-01 RENESAS-ICS650-01 Datasheet
382Kb / 9P
SYSTEM PERIPHERAL CLOCK SOURCE
051310
ICS650-21 RENESAS-ICS650-21 Datasheet
357Kb / 9P
SYSTEM PERIPHERAL CLOCK SOURCE
REV J 051310
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com